Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

49625-1182 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 49625-1182
Description  4.20mm Wire-to-Wire Upper TPA for Male Housing, 11 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

49625-1182 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  49625-1182 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
49625-1182
Status:
Active
Description:
4.20mm Wire-to-Wire Upper TPA™ for Male Housing, 11 Circuits
Documents:
3D Model
Packaging Specification PK-49623-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
49625
Application
Power, Wire-to-Wire
Product Name
N/A
UPC
883906035648
Physical
Circuits (maximum)
11
Circuits Detail
11
Color - Resin
Red
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
0.478/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.20mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-49623-001
Sales Drawing
SD-49625-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49625Series
Mates With
4.20mm Wire-to-Wire Male TPA™ 49623
This document was generated on 10/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 49625-1182

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
49625-1182 MOLEX6-49625-1182 Datasheet
104Kb / 2P
   4.20mm (.165") Wire-to-Wire Upper TPA??for Male Housing, 11 Circuits
More results

Similar Description - 49625-1182

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0496251182 MOLEX6-0496251182 Datasheet
104Kb / 2P
   4.20mm (.165") Wire-to-Wire Upper TPA??for Male Housing, 11 Circuits
49625-0382 MOLEX11-49625-0382 Datasheet
38Kb / 1P
   4.20mm Wire-to-Wire Upper TPA for Male Housing, 3 Circuits
49625-0682 MOLEX11-49625-0682 Datasheet
38Kb / 1P
   4.20mm Wire-to-Wire Upper TPA for Male Housing, 6 Circuits
49625-0582 MOLEX11-49625-0582 Datasheet
38Kb / 1P
   4.20mm Wire-to-Wire Upper TPA for Male Housing, 5 Circuits
49625-0982 MOLEX11-49625-0982 Datasheet
38Kb / 1P
   4.20mm Wire-to-Wire Upper TPA for Male Housing, 9 Circuits
49625-1082 MOLEX11-49625-1082 Datasheet
38Kb / 1P
   4.20mm Wire-to-Wire Upper TPA for Male Housing, 9 Circuits
0496250582 MOLEX6-0496250582 Datasheet
104Kb / 2P
   4.20mm (.165") Wire-to-Wire Upper TPA for Male Housing, 5 Circuits
0496250982 MOLEX6-0496250982 Datasheet
104Kb / 2P
   4.20mm (.165") Wire-to-Wire Upper TPA??for Male Housing, 9 Circuits
0496251082 MOLEX6-0496251082 Datasheet
104Kb / 2P
   4.20mm (.165") Wire-to-Wire Upper TPA??for Male Housing, 10 Circuits
0496250682 MOLEX6-0496250682 Datasheet
104Kb / 2P
   4.20mm (.165") Wire-to-Wire Upper TPA??for Male Housing, 6 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com