Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17805V Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA17805V
Description  3-terminal Fixed Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17805V Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA17805V Datasheet HTML 1Page - Hitachi Semiconductor HA17805V Datasheet HTML 2Page - Hitachi Semiconductor HA17805V Datasheet HTML 3Page - Hitachi Semiconductor HA17805V Datasheet HTML 4Page - Hitachi Semiconductor HA17805V Datasheet HTML 5Page - Hitachi Semiconductor HA17805V Datasheet HTML 6Page - Hitachi Semiconductor HA17805V Datasheet HTML 7Page - Hitachi Semiconductor HA17805V Datasheet HTML 8Page - Hitachi Semiconductor HA17805V Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HA17800V/VP/VPJ Series
3
Absolute Maximum Ratings (Ta = 25
°C)
Ratings
Item
Symbol
HA17800V/VP
HA17800VPJ
Unit
Notes
Input voltage
V
IN
35
35
V
1
Power dissipation
P
T
15
15
W
2
Operating ambient temperature
Topr
–20 to +75
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
–50 to +125
°C
Operating junction temperature
Tj
–20 to +125
–40 to +125
°C
Notes: 1. HA17824V/VP/VPJ, 40 V
2. Follow derating curve
15
10
5
0
20
60
100
Ambient Temperature Ta (
°C)
(2)
(3)
(4)
(1)
75
HA17800V/VP
HA17800VPJ
(1) With infinitely large heat sink
(2) 5
°C/W heat sink
(3) 15
°C/W heat sink
(4) Without heat sink
Thermal resistance
θj-c = 5.0°C/W (max)
θj-a = 83°C/W (max)
) Include additional
thermal resistance


Similar Part No. - HA17805V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA17808 ETC2-HA17808 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - HA17805V

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178M00 HITACHI-HA178M00 Datasheet
62Kb / 17P
   3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L02 RENESAS-HA178L02 Datasheet
233Kb / 9P
   3-terminal Fixed Voltage Regulators
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com