Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF8N80 Datasheet(PDF) 7 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8N80
Description  Advanced MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8N80 Datasheet(HTML) 7 Page - Silikron Semiconductor Co.,LTD.

  SSF8N80 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8N80 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8N80 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8N80 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8N80 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF8N80 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF8N80 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF8N80 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SSF8N80
©Silikron Semiconductor CO.,LTD.
2012.04.28
Version : 1.1
page 7 of 8
www.silikron.com
Ordering and Marking Information
Device Marking: SSF8N80
Package (Available)
TO220
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO220
50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃ @ 100% of
Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices


Similar Part No. - SSF8N80

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
logo
Fairchild Semiconductor
SSF8N80A FAIRCHILD-SSF8N80A Datasheet
258Kb / 7P
   Advanced Power MOSFET
logo
Silikron Semiconductor ...
SSF8N80F SILIKRON-SSF8N80F Datasheet
531Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF8N80F GOOD-ARK-SSF8N80F Datasheet
1Mb / 7P
   800V N-Channel MOSFET
SSF8N80F GOOD-ARK-SSF8N80F_15 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
More results

Similar Description - SSF8N80

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
   Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
   Advanced MOSFET process technology
SSF4031C1 SILIKRON-SSF4031C1 Datasheet
497Kb / 6P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com