Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17741PS Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA17741PS
Description  General-Purpose Operational Amplifier (Frequency Compensated)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17741PS Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA17741PS Datasheet HTML 1Page - Hitachi Semiconductor HA17741PS Datasheet HTML 2Page - Hitachi Semiconductor HA17741PS Datasheet HTML 3Page - Hitachi Semiconductor HA17741PS Datasheet HTML 4Page - Hitachi Semiconductor HA17741PS Datasheet HTML 5Page - Hitachi Semiconductor HA17741PS Datasheet HTML 6Page - Hitachi Semiconductor HA17741PS Datasheet HTML 7Page - Hitachi Semiconductor HA17741PS Datasheet HTML 8Page - Hitachi Semiconductor HA17741PS Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HA17741/PS
General-Purpose Operational Amplifier
(Frequency Compensated)
Description
The HA17741/PS is an internal phase compensation high-performance operational amplifier, that is
appropriate for use in a wide range of applications in the test and control fields.
Features
• High voltage gain
: 106 dB (Typ)
• Wide output amplitude : ±13 V (Typ) (at R
L ≥ 2 kΩ)
• Shorted output protection
• Adjustable offset voltage
• Internal phase compensation
Ordering Information
Application
Type No.
Package
Industrial use
HA17741PS
DP-8
Commercial use
HA17741
Pin Arrangement
+
1
2
3
4
8
7
6
5
NC
VCC
Vout
Offset
Null
Offset
Null
Vin(
−)
Vin(+)
VEE
(Top view)


Similar Part No. - HA17741PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA17741 ETC2-HA17741 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - HA17741PS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com