Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB859 Datasheet(PDF) 11 Page - OPTEK Technologies

Part # OPB859
Description  Choice of opaque or IR transmissive shell material
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB859 Datasheet(HTML) 11 Page - OPTEK Technologies

Back Button OPB859 Datasheet HTML 3Page - OPTEK Technologies OPB859 Datasheet HTML 4Page - OPTEK Technologies OPB859 Datasheet HTML 5Page - OPTEK Technologies OPB859 Datasheet HTML 6Page - OPTEK Technologies OPB859 Datasheet HTML 7Page - OPTEK Technologies OPB859 Datasheet HTML 8Page - OPTEK Technologies OPB859 Datasheet HTML 9Page - OPTEK Technologies OPB859 Datasheet HTML 10Page - OPTEK Technologies OPB859 Datasheet HTML 11Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue E 12/2012
Page 11 of 11
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
OPB380T55 - Flag Next to Emitter
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Right to Left
Top to Bottom
Aperture Configuration 55 - Flag Next to Emitter
OPB380T55 - Flag Next to Sensor
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Right to Left
Top to Bottom
Aperture Configuration 55 - Flag Next to Sensor
OPB380T55 - Flag in Middle of Slot
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Right to Left
Top to Bottom
Aperture Configuration 55 - Flag in Middle of Slot
Emitter
Sensor
Left to Right
Right to Left
0
Width
Top to Bottom
0


Similar Part No. - OPB859

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB859 OPTEK-OPB859 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB859 ETC-OPB859 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB859 ETC-OPB859 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB859 ETC2-OPB859 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB859 ETC2-OPB859 Datasheet
479Kb / 10P
   0.125 (3.175 mm) slot width
More results

Similar Description - OPB859

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB375N51 OPTEK-OPB375N51 Datasheet
479Kb / 10P
   Choice of opaque or IR transmissive shell material
logo
Ferroxcube Internationa...
WAS-CLM-S-P26-16 FERROXCUBE-WAS-CLM-S-P26-16 Datasheet
24Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TP-P14-8 FERROXCUBE-WAS-CLM-TP-P14-8 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-C-P14-8 FERROXCUBE-WAS-CLM-C-P14-8 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TP-P18-11 FERROXCUBE-WAS-CLM-TP-P18-11 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TS+C+S-P22 FERROXCUBE-WAS-CLM-TS+C+S-P22 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-C+S-P18-11 FERROXCUBE-WAS-CLM-C+S-P18-11 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Honeywell Accelerometer...
HOA0708-001 HONEYWELL-ACC-HOA0708-001 Datasheet
441Kb / 4P
   Choice of phototransistor or photodarlington
logo
OPTEK Technologies
OPB493T11Z OPTEK-OPB493T11Z Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com