Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB355 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB355
Description  Choice of opaque or IR transmissive shell material
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB355 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB355 Datasheet HTML 1Page - OPTEK Technologies OPB355 Datasheet HTML 2Page - OPTEK Technologies OPB355 Datasheet HTML 3Page - OPTEK Technologies OPB355 Datasheet HTML 4Page - OPTEK Technologies OPB355 Datasheet HTML 5Page - OPTEK Technologies OPB355 Datasheet HTML 6Page - OPTEK Technologies OPB355 Datasheet HTML 7Page - OPTEK Technologies OPB355 Datasheet HTML 8Page - OPTEK Technologies OPB355 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue E 12/2012
Page 1 of 11
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
RoHS
Features:
0.125” (3.175 mm) slot width
Choice of aperture (0.050” or 0.010” width)
Choice of opaque or IR transmissive shell material
Choice of mounting configurations
Choice of lead spacing or wires
Description:
The slotted optical sensors in this series provide the flexibility of a custom device from a standard product line.
Building from a standard housing with a 0.125” (3.18mm) wide slot, the user can specify output logic state, output
driver circuit, aperture width, aperture surface and mounting tab locations. Furthermore, an option of wire or PCB
leads allows electrical interface flexibility.
The device body is an opaque plastic which minimizes sensitivity to both visible and near-infrared external light
sources which may impact operation. Aperture width choices provide different optical resolution for motion
sensing. A covered aperture provides dust protection, while an open aperture provides maximum protection
against external light sources.
Phototransistor sensor devices are: OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880,
OPB890. The OPB355 provides a photodiode detector, which has a lower linear output-versus-light.
Wide electrical output current ranges are available. LED emissions are near-infrared (850-940nm).
Custom electrical, wire and cabling services are available.
Contact your local representative or OPTEK for more information. Compliant to EU RoHS Directive 2002/95/EC.
Product Photo Here
Applications:
Non-contact object sensing
Assembly line automation
Machine automation
Equipment safety
Machine safety
OPB360, OPB370, OPB380, OPB390
OPB859
OPB860, OPB870, OPB880, OPB890
2
4
1
3
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using ND Industries’ Vibra-Tite for thread-locking.
ND Vibra-Tite Formula 3 evaporates fast without causing structural failure in OPTEK’s
molded plastics.
Applies to: OPB360, OPB370, OPB380, OPB390
and OPB860, OPB870, OPB880, OPB890.
OPB355
2
4
1
3
Color #
Description
1
Red
2
Black
3
White
4
Green
Wire Colors


Similar Part No. - OPB355

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
   Slotted Op tical Switches
logo
TT Electronics.
OPB355 TTELEC-OPB355 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB355 OPTEK-OPB355 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB355 ETC-OPB355 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB355 ETC-OPB355 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB355

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB375N51 OPTEK-OPB375N51 Datasheet
479Kb / 10P
   Choice of opaque or IR transmissive shell material
logo
Ferroxcube Internationa...
WAS-CLM-S-P26-16 FERROXCUBE-WAS-CLM-S-P26-16 Datasheet
24Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TP-P14-8 FERROXCUBE-WAS-CLM-TP-P14-8 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-C-P14-8 FERROXCUBE-WAS-CLM-C-P14-8 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TP-P18-11 FERROXCUBE-WAS-CLM-TP-P18-11 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TS+C+S-P22 FERROXCUBE-WAS-CLM-TS+C+S-P22 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-C+S-P18-11 FERROXCUBE-WAS-CLM-C+S-P18-11 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Honeywell Accelerometer...
HOA0708-001 HONEYWELL-ACC-HOA0708-001 Datasheet
441Kb / 4P
   Choice of phototransistor or photodarlington
logo
OPTEK Technologies
OPB493T11Z OPTEK-OPB493T11Z Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com