Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOJC107M002WJ Datasheet(PDF) 3 Page - AVX Corporation

Part # NOJC107M002WJ
Description  Non-burn safe technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJC107M002WJ Datasheet(HTML) 3 Page - AVX Corporation

  NOJC107M002WJ Datasheet HTML 1Page - AVX Corporation NOJC107M002WJ Datasheet HTML 2Page - AVX Corporation NOJC107M002WJ Datasheet HTML 3Page - AVX Corporation NOJC107M002WJ Datasheet HTML 4Page - AVX Corporation NOJC107M002WJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
156
APRIL 2014
OxiCap® NOJ Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
105ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
1.8 Volt @ 85°C
NOJA476M001#WJ
A
47
1.8
85
1.2
105
1.7
8
1.6
1
0.237
0.213
0.095
NOJB476M001#WJ
B
47
1.8
85
1.2
105
1.7
6
1.6
1
0.252
0.227
0.101
NOJB686M001#WJ
B
68
1.8
85
1.2
105
2.5
6
1.5
1
0.261
0.235
0.104
NOJB107M001#WJ
B
100
1.8
85
1.2
105
3.6
6
1.4
1
0.270
0.243
0.108
NOJC107M001#WJ
C
100
1.8
85
1.2
105
3.6
6
0.4
1
0.574
0.517
0.230
NOJC157M001#WJ
C
150
1.8
85
1.2
105
5.4
8
0.4
1
0.574
0.517
0.230
NOJC227M001#WJ
C
220
1.8
85
1.2
105
8.0
8
0.4
1
0.574
0.517
0.230
NOJC337M001#WJ
C
330
1.8
85
1.2
105
11.9
8
0.3
1
0.663
0.597
0.265
2.5 Volt @ 85°C
NOJA226M002#WJ
A
22
2.5
85
1.7
105
1.1
6
1.9
1
0.218
0.196
0.087
NOJA336M002#WJ
A
33
2.5
85
1.7
105
1.7
6
1.7
1
0.230
0.207
0.092
NOJB336M002#WJ
B
33
2.5
85
1.7
105
1.7
6
1.7
1
0.245
0.220
0.098
NOJA476M002#WJ
A
47
2.5
85
1.7
105
2.4
8
1.6
1
0.237
0.213
0.095
NOJB476M002#WJ
B
47
2.5
85
1.7
105
2.4
6
1.6
1
0.252
0.227
0.101
NOJB686M002#WJ
B
68
2.5
85
1.7
105
3.4
6
1.5
1
0.261
0.235
0.104
NOJC686M002#WJ
C
68
2.5
85
1.7
105
3.4
6
0.5
1
0.514
0.462
0.206
NOJB107M002#WJ
B
100
2.5
85
1.7
105
5.0
6
1.4
1
0.270
0.243
0.108
NOJC107M002#WJ
C
100
2.5
85
1.7
105
5.0
6
0.4
1
0.574
0.517
0.230
NOJC157M002#WJ
C
150
2.5
85
1.7
105
7.5
6
0.4
1
0.574
0.517
0.230
NOJC227M002#WJ
C
220
2.5
85
1.7
105
11.0
8
0.4
1
0.574
0.517
0.230
NOJC337M002#WJ
C
330
2.5
85
1.7
105
16.5
10
0.3
1
0.663
0.597
0.265
NOJD337M002#WJ
D
330
2.5
85
1.7
105
16.5
10
0.3
3
0.775
0.697
0.310
NOJD477M002#WJ
D
470
2.5
85
1.7
105
23.5
12
0.3
3
0.775
0.697
0.310
NOJE477M002#WJ
E
470
2.5
85
1.7
105
23.5
10
0.3
3
0.812
0.731
0.325
NOJE687M002#WJ
E
680
2.5
85
1.7
105
34.0
14
0.3
3
0.812
0.731
0.325
NOJV108M002#WJ
V
1000
2.5
85
1.7
105
50.0
16
0.3
3
1.000
0.900
0.400
4 Volt @ 85°C
NOJA156M004#WJ
A
15
4
85
2.7
105
1.2
6
2
1
0.212
0.191
0.085
NOJA226M004#WJ
A
22
4
85
2.7
105
1.8
6
1.9
1
0.218
0.196
0.087
NOJB226M004#WJ
B
22
4
85
2.7
105
1.8
6
1.9
1
0.232
0.209
0.093
NOJA336M004#WJ
A
33
4
85
2.7
105
2.6
10
1.7
1
0.230
0.207
0.092
NOJB336M004#WJ
B
33
4
85
2.7
105
2.6
6
1.7
1
0.245
0.220
0.098
NOJA476M004#WJ
A
47
4
85
2.7
105
3.8
18
2.2
1
0.202
0.182
0.081
NOJB476M004#WJ
B
47
4
85
2.7
105
3.8
6
1.6
1
0.252
0.227
0.101
NOJC476M004#WJ
C
47
4
85
2.7
105
3.8
6
0.5
1
0.514
0.462
0.206
NOJB686M004#WJ
B
68
4
85
2.7
105
5.4
6
1.5
1
0.261
0.235
0.104
NOJC686M004#WJ
C
68
4
85
2.7
105
5.4
6
0.5
1
0.514
0.462
0.206
NOJB107M004#WJ
B
100
4
85
2.7
105
8.0
16
1.4
1
0.270
0.243
0.108
NOJB107M004#WB
B
100
4
85
2.7
105
8.0
16
0.25
3
0.639
0.575
0.255
NOJC107M004#WJ
C
100
4
85
2.7
105
8.0
6
0.4
1
0.574
0.517
0.230
NOJC157M004#WJ
C
150
4
85
2.7
105
12.0
6
0.4
1
0.574
0.517
0.230
NOJD157M004#WJ
D
150
4
85
2.7
105
12.0
6
0.3
3
0.775
0.697
0.310
NOJC227M004#WJ
C
220
4
85
2.7
105
17.6
8
0.4
1
0.574
0.517
0.230
NOJD227M004#WJ
D
220
4
85
2.7
105
17.6
8
0.4
3
0.671
0.604
0.268
NOJD337M004#WJ
D
330
4
85
2.7
105
26.4
8
0.3
3
0.775
0.697
0.310
NOJD477M004#WJ
D
470
4
85
2.7
105
37.6
12
0.3
3
0.775
0.697
0.310
NOJE477M004#WJ
E
470
4
85
2.7
105
37.6
12
0.3
3
0.812
0.731
0.325
NOJE687M004#WJ
E
680
4
85
2.7
105
54.4
14
0.3
3
0.812
0.731
0.325
NOJV687M004#WJ
V
680
4
85
2.7
105
54.4
14
0.3
3
1.000
0.900
0.400
NOJV108M004#WJ
V
1000
4
85
2.7
105
80.0
18
0.3
3
1.000
0.900
0.400
6.3 Volt @ 85°C
NOJA475M006#WJ
A
4.7
6.3
85
4
105
1.1
6
3.2
1
0168
0.151
0.067
NOJA685M006#WJ
A
6.8
6.3
85
4
105
1.1
6
2.6
1
0.186
0.167
0.074
NOJA106M006#WJ
A
10
6.3
85
4
105
1.2
6
2.2
1
0.202
0.182
0.081
NOJA156M006#WJ
A
15
6.3
85
4
105
1.8
8
2
1
0.212
0.191
0.085
NOJB156M006#WJ
B
15
6.3
85
4
105
1.8
6
2
1
0.226
0.203
0.090
NOJA226M006#WJ
A
22
6.3
85
4
105
2.6
8
1.8
1
0.224
0.201
0.089
NOJB226M006#WJ
B
22
6.3
85
4
105
2.6
6
1.9
1
0.232
0.209
0.093
NOJB336M006#WJ
B
33
6.3
85
4
105
4.0
6
1.7
1
0.245
0.220
0.098
NOJB336M006#WB
B
33
6.3
85
4
105
4.0
6
0.7
3
0.382
0.344
0.153
NOJC336M006#WJ
C
33
6.3
85
4
105
4.0
6
0.5
1
0.514
0.462
0.206
NOJB476M006#WJ
B
47
6.3
85
4
105
5.6
6
0.8
1
0.357
0.321
0.143
NOJC476M006#WJ
C
47
6.3
85
4
105
5.7
6
0.5
1
0.514
0.462
0.206
NOJB686M006#WJ
B
68
6.3
85
4
105
8.2
20
1.5
1
0.261
0.235
0.104
NOJC686M006#WJ
C
68
6.3
85
4
105
8.2
6
0.5
1
0.514
0.462
0.206
NOJB107M006#WJ
B
100
6.3
85
4
105
60.0
20
1.7
1
0.245
0.220
0.098
NOJB107M006#WB
B
100
6.3
85
4
105
60.0
20
0.4
3
0.505
0.454
0.202
NOJC107M006#WJ
C
100
6.3
85
4
105
12.0
8
0.4
1
0.574
0.517
0.230
NOJD107M006#WJ
D
100
6.3
85
4
105
12.0
6
0.4
3
0.671
0.604
0.268
NOJC157M006#WJ
C
150
6.3
85
4
105
18.0
6
0.4
1
0.574
0.517
0.230


Similar Part No. - NOJC107M002WJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJC107M002WJ AVX-NOJC107M002WJ Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
More results

Similar Description - NOJC107M002WJ

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450 Datasheet
1Mb / 11P
   Burn-in available
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
   CRYSTAL TEST & BURN IN SOCKET
08.21.09
logo
Cynergy3 Co
UF25B CYNERGY3-UF25B Datasheet
416Kb / 1P
   Non-invasive sensor technology
logo
Abracon Corporation
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
   CRYSTAL TEST & BURN-IN SOCKET
07.10.09
logo
Kemet Corporation
LDEDD3330JA5N00 KEMET-LDEDD3330JA5N00 Datasheet
1Mb / 16P
   Non-encapsulated construction, Stacked technology
logo
BELIMO AIRCONTROLS (USA...
GKX24-MFT BELIMO-GKX24-MFT Datasheet
1Mb / 4P
   Modulating, Electronic Fail-Safe, 24 V, Multi-Function Technology
GKB24-MFT BELIMO-GKB24-MFT Datasheet
1Mb / 4P
   Modulating, Electronic Fail-Safe, 24 V, Multi-Function Technology
AHKX24-MFT-100 BELIMO-AHKX24-MFT-100 Datasheet
1Mb / 3P
   Modulating, Electronic Fail-Safe, Linear, 24 V, Multi-Function Technology
logo
Abracon Corporation
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com