Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOJB336M002WJ Datasheet(PDF) 4 Page - AVX Corporation

Part # NOJB336M002WJ
Description  Non-burn safe technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJB336M002WJ Datasheet(HTML) 4 Page - AVX Corporation

  NOJB336M002WJ Datasheet HTML 1Page - AVX Corporation NOJB336M002WJ Datasheet HTML 2Page - AVX Corporation NOJB336M002WJ Datasheet HTML 3Page - AVX Corporation NOJB336M002WJ Datasheet HTML 4Page - AVX Corporation NOJB336M002WJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APRIL 2014
157
OxiCap® NOJ Series
Niobium Oxide Capacitor
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for capacitors allow an ESR movement to 1.25 times catalog limit post mounting.
For typical weight and composition see page 202.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
105ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
NOJD157M006#WJ
D
150
6.3
85
4
105
18.0
6
0.4
3
0.671
0.604
0.268
NOJC227M006#WJ
C
220
6.3
85
4
105
26.4
14
0.4
1
0.574
0.517
0.230
NOJD227M006#WJ
D
220
6.3
85
4
105
26.4
8
0.4
3
0.671
0.604
0.268
NOJE227M006#WJ
E
220
6.3
85
4
105
26.4
12
0.4
3
0.704
0.633
0.281
NOJD337M006#WJ
D
330
6.3
85
4
105
39.6
10
0.3
3
0.775
0.697
0.310
NOJE337M006#WJ
E
330
6.3
85
4
105
39.6
12
0.3
3
0.812
0.731
0.325
NOJE477M006#WJ
E
470
6.3
85
4
105
56.4
16
0.3
3
0.812
0.731
0.325
NOJE477M006#WB
E
470
6.3
85
4
105
56.4
16
0.075
3
1.625
1.462
0.650
NOJV477M006#WJ
V
470
6.3
85
4
105
56.4
14
0.3
3
1.000
0.900
0.400
10 Volt @ 85°C
NOJA475M010#WJ
A
4.7
10
85
7
105
1.0
6
3.1
1
0.170
0.153
0.068
NOJA685M010#WJ
A
6.8
10
85
7
105
1.4
6
2.6
1
0.186
0.167
0.074
NOJA106M010#WJ
A
10
10
85
7
105
2.0
6
2.2
1
0.202
0.182
0.081
NOJB106M010#WJ
B
10
10
85
7
105
2.0
6
1
1
0.319
0.287
0.128
NOJA156M010#WJ
A
15
10
85
7
105
3.0
6
2
1
0.212
0.191
0.085
NOJB156M010#WJ
B
15
10
85
7
105
3.0
6
2
1
0.226
0.203
0.090
NOJB226M010#WJ
B
22
10
85
7
105
4.4
6
1.8
1
0.238
0.214
0.095
NOJB226M010#WB
B
22
10
85
7
105
4.4
6
0.7
3
0.382
0.344
0.153
NOJC226M010#WJ
C
22
10
85
7
105
4.4
6
0.5
1
0.514
0.462
0.206
NOJC336M010#WJ
C
33
10
85
7
105
6.6
6
0.5
1
0.514
0.462
0.206
NOJC476M010#WJ
C
47
10
85
7
105
9.4
6
0.4
1
0.574
0.517
0.230
NOJC686M010#WJ
C
68
10
85
7
105
13.6
12
0.5
1
0.514
0.462
0.206
NOJD107M010#WJ
D
100
10
85
7
105
20.0
12
0.4
3
0.671
0.604
0.268
NOJD107M010#WB
D
100
10
85
7
105
20.0
12
0.15
3
1.095
0.986
0.438


Similar Part No. - NOJB336M002WJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJB336M002WJ AVX-NOJB336M002WJ Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
More results

Similar Description - NOJB336M002WJ

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450 Datasheet
1Mb / 11P
   Burn-in available
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
   CRYSTAL TEST & BURN IN SOCKET
08.21.09
logo
Cynergy3 Co
UF25B CYNERGY3-UF25B Datasheet
416Kb / 1P
   Non-invasive sensor technology
logo
Abracon Corporation
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
   CRYSTAL TEST & BURN-IN SOCKET
07.10.09
logo
Kemet Corporation
LDEDD3330JA5N00 KEMET-LDEDD3330JA5N00 Datasheet
1Mb / 16P
   Non-encapsulated construction, Stacked technology
logo
BELIMO AIRCONTROLS (USA...
GKX24-MFT BELIMO-GKX24-MFT Datasheet
1Mb / 4P
   Modulating, Electronic Fail-Safe, 24 V, Multi-Function Technology
GKB24-MFT BELIMO-GKB24-MFT Datasheet
1Mb / 4P
   Modulating, Electronic Fail-Safe, 24 V, Multi-Function Technology
AHKX24-MFT-100 BELIMO-AHKX24-MFT-100 Datasheet
1Mb / 3P
   Modulating, Electronic Fail-Safe, Linear, 24 V, Multi-Function Technology
logo
Abracon Corporation
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com