Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17385HRP Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HA17385HRP
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17385HRP Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HA17385HRP Datasheet HTML 7Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 8Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 9Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 10Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 11Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 12Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 13Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 14Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
11
Timing Chart
Waveform timing (Outline)
Signal Name
Input voltage
VIN Pin 7
UVL1
Internal signal which
cannot be externally
monitored.
Reference voltage
Vref Pin 8
UVL2
Internal signal which
cannot be externally
monitored.
Oscillation voltage of
triangular wave
RT/CT Pin 4
Start up signal
Internal signal which
cannot be externally
monitored.
PWM latch setting signal
internal signal which
cannot be externally
monitored.
Error amplifier input signal
VFB Pin 2
Error amplifier output signal
VCOMP Pin 1
ID *1
OVP latch signal
Internal signal which
cannot be externally
monitored.
Power ON
IC turn ON
Stationary operation
OVP input
OVP latched
condition
Power OFF
Reset of
OVP latch
Start up latch
release
( ) shows the case
using HA17385H
PWM output voltage
VOUT Pin 6
Note: 1. ID indicates the power MOSFET drain current; it is actually observed as voltage VS generated
by power MOSFET current detection source resistance RS.
VCOMP indicates the error amp output voltage waveform.
Current mode operation is
performed so that a voltage 1/3 that of VCOMP is the current limiter level.
10 V
(7.6 V)
7.0 V
2 V
16 V
(8.4 V)
2 V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
5 V
4.7 V
2.8 V
1.2 V
7.0 V typ
(OVP input)
VCOMP
ID
VIN
4.7 V
IC operates and
PWM output stops.
This voltage is determined
by the transformer


Similar Part No. - HA17385HRP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17385HRP RENESAS-HA17385HRP Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
More results

Similar Description - HA17385HRP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17384SPS RENESAS-HA17384SPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
   High-Speed Current Mode Push-Pull PWM Control IC
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
   High performance current mode PWM switching power supply controller
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
   High Performance Current Mode PWM Switching Power Supply controller
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
   High Performance Current Mode PWM Switching Power Supply Controller
logo
Fuji Electric
FA3647 FUJI-FA3647 Datasheet
406Kb / 21P
   PWM control IC with light load power saving function For Switching Power Supply Control
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May 1993
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
August 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com