Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5481P1D Datasheet(PDF) 7 Page - NEC

Part # NDL5481P1D
Description  1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5481P1D Datasheet(HTML) 7 Page - NEC

  NDL5481P1D Datasheet HTML 1Page - NEC NDL5481P1D Datasheet HTML 2Page - NEC NDL5481P1D Datasheet HTML 3Page - NEC NDL5481P1D Datasheet HTML 4Page - NEC NDL5481P1D Datasheet HTML 5Page - NEC NDL5481P1D Datasheet HTML 6Page - NEC NDL5481P1D Datasheet HTML 7Page - NEC NDL5481P1D Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
NDL5481P Series
REFERENCE
Document Name
Document No.
NEC semiconductor device reliability/quality control system
IEI-1205
Quality grade on NEC semiconductor devices
IEI-1209
Semiconductor device mounting technology manual
C10535E
Semiconductor device package manual
IEI-1213
Guide to quality assurance for semiconductor devices
MEI-1202
Semiconductor selection guide
X10679E


Similar Part No. - NDL5481P1D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NDL5481P1D RENESAS-NDL5481P1D Datasheet
195Kb / 10P
   PHOTO DIODE
1994
More results

Similar Description - NDL5481P1D

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
logo
NEC
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Microsemi Corporation
MXP4005 MICROSEMI-MXP4005 Datasheet
121Kb / 2P
   InGaAs/InP PIN Photo Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com