Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW10 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JFCW10
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW10 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JFCW10 Datasheet HTML 1Page - Wall Industries,Inc. JFCW10 Datasheet HTML 2Page - Wall Industries,Inc. JFCW10 Datasheet HTML 3Page - Wall Industries,Inc. JFCW10 Datasheet HTML 4Page - Wall Industries,Inc. JFCW10 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev B 
JFCW10 SERIES
10 Watt DC/DC Power Converters
10/31/2014  
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH  03833 • Tel: 603‐778‐2300 • Toll Free: 888‐597‐9255 • Fax 603‐778‐9797 
website: www.wallindustries.com • e‐mail: sales@wallindustries.com 
Page 3 of 5
 
TECHNICAL SPECIFICATIONS: JFCW10 SERIES 
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. 
We reserve the right to change specifications based on technological advances. 
SPECIFICATION 
TEST CONDITIONS
Min 
Typ
Max
Unit
REMOTE ON/OFF (See Note 4) 
Positive Logic (standard) 
The CTRL pin is referenced to –Input pin 
DC/DC ON
Open or 3V < Vr < 15 VDC
DC/DC OFF
Short or 0V < Vr < 1.2 VDC
Negative Logic (optional) 
The CTRL pin is referenced to –Input pin 
DC/DC ON
Short or 0V <Vr < 1.2 VDC
DC/DC OFF
Open or 3V < Vr < 15 VDC
Input Current of Remote Control Pin 
Nominal Vin ‐0.5  
1.0
mA
Remote OFF State Input Current 
Nominal Vin 
 
2.5
mA
ENVIRONMENTAL SPECIFICATIONS 
Operating Ambient Temperature 
With derating ‐40  
+85
°C
Maximum Case Temperature 
 
 
 
+105
°C
Storage Temperature  
‐55  
+125
°C
Thermal Impedance (See Note 6) 
Natural Convection 
Without Heatsink
 
16.18
°C/W 
With Heatsink
 
15.13
Relative Humidity  
5  
95
% RH
Thermal Shock 
 
MIL‐STD‐810F
Vibration  
MIL‐STD‐810F
MTBF 
MIL‐HDBK‐217F Ta=25°C, full load
3,376,000 hours
PHYSICAL SPECIFICATIONS 
Weight  
0.58oz (16.5g)
Dimensions (L x W x H) 
 
1.00x1.00x0.39 inch (25.4x25.4x9.9 mm)
Case Material  
Copper
Base Material 
 
FR4 PCB
Potting Material  
Silicon (UL94‐V0)
Shielding 
 
Six‐sided
SAFETY & EMC CHARACTERISTICS 
Safety Approvals  
 
UL60950‐1, IEC60950‐1, EN60950‐1
EMI (See Note 3) 
 
EN55022 
Class A, Class B
ESD  
EN61000‐4‐2 
Air ±8kV
Contact ±6kV 
Perf. Criteria A
Radiated Immunity 
 
EN61000‐4‐3 
10 V/m
Perf. Criteria A
Fast Transient (See Note 2)  
EN61000‐4‐4 
±2kV
Perf. Criteria A
Surge (See Note 2) 
 
EN61000‐4‐5        
±1kV
Perf. Criteria A
Conducted Immunity  
EN61000‐4‐6 
3 Vrms
Perf. Criteria A
 
MECHANICAL DRAWING 
 
 
 
  
DIA.
0.04 (1.0)
0.800 (20.32)
1.00 (25.4)
6
5
4
3
2
1
BOTTOM
VIEW
SIDE VIEW
 
PIN CONNECTIONS  
PRODUCT OPTIONS 
PIN 
SINGLE 
DUAL  
OPTION 
SUFFIX 
+INPUT 
+INPUT  
Positive Logic Remote On/Off 
None 
2 ‐INPUT ‐INPUT  
Negative Logic Remote On/Off 
CTRL 
CTRL  
Without CTRL Pin 
+OUTPUT 
+OUTPUT  
Without CTRL and TRIM Pins 
TRIM 
COMMON  
Positive Logic without TRIM Pin 
6 ‐OUTPUT ‐OUTPUT  
Negative Logic without TRIM Pin 
RF 
  
Heatsink 
HC 
  
 
  
 
EXTERNAL OUTPUT TRIMMING 
  
 
Output can be externally trimmed by using the 
method shown below 
NOTES  
1. Unit: inches (mm)  
6
5
TRIM UP
5
4
TRIM DOWN
RU
RD
 
2. Tolerance: X.XX±0.02 (X.X±0.5)  
  
X.XXX±0.01 (X.XX±0.25)  
3. Pin Pitch Tolerance: ±0.01 (±0.25)  
4. Pin Dimension Tolerance: ±0.004 (±0.1)  
5. All dimensions are for reference only  
 
 


Similar Part No. - JFCW10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW10 WALL-JFCW10 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JFCW10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com