Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMW24S15-1000 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DMW24S15-1000
Description  15.3 Watts DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW24S15-1000 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DMW24S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 3Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 4Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 5Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
MODEL SELECTION TABLE
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load
Max Load
Reflected
Ripple Current
Output
Power
Efficiency
(Typ)
Max Capacitive
Load
DMW24S3.3-3000
3.3 VDC
300mA
3000mA
528mA
9.9W
78%
470μF
DMW24S5-3000
5 VDC
300mA
3000mA
762mA
15W
82%
470μF
DMW24S5.1-3000
5.1 VDC
300mA
3000mA
735mA
15.3W
81%
470μF
DMW24S12-1250
12 VDC
125mA
1250mA
726mA
15W
85%
470μF
DMW24S15-1000
15 VDC
100mA
1000mA
771mA
15W
86%
470μF
DMW24D5-1500
±5 VDC
±150mA
±1500mA
735mA
15W
81%
220μF
DMW24D12-625
±12 VDC
±62.5mA
±625mA
726mA
15W
85%
220μF
DMW24D15-500
24 VDC
(9 ~ 36 VDC)
±15 VDC
±50mA
±500mA
25mA (typ)
787mA
40mA (typ)
15W
86%
220μF
DMW48S3.3-3000
3.3 VDC
300mA
3000mA
26mA
9.9W
78%
470μF
DMW48S5-3000
5 VDC
300mA
3000mA
381mA
15W
82%
470μF
DMW48S5.1-3000
5.1 VDC
300mA
3000mA
368mA
15.3W
81%
470μF
DMW48S12-1250
12 VDC
125mA
1250mA
363mA
15W
85%
470μF
DMW48S15-1000
15 VDC
100mA
1000mA
386mA
15W
86%
470μF
DMW48D5-1500
±5 VDC
±150mA
±1500mA
368mA
15W
81%
220μF
DMW48D12-625
±12 VDC
±62.5mA
±625mA
363mA
15W
85%
220μF
DMW48D15-500
48 VDC
(18 ~ 75 VDC)
±15 VDC
±50mA
±500mA
15mA (typ)
393mA
30mA (typ)
15W
86%
220μF
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. The DMW series requires a minimum output load to maintain specified regulations. Operation under no-load condition will not damage these devices;
however they may not meet all listed specifications.
3. All DC/DC converters should be externally fused at the front end for protection.
4. Other input and output voltages may be available, please contact factory.
5. Only positive control logic remote On/Off is available. To order the converter with positive remote on/off add the suffix “RC” to the part number.
6. To order the converter with EN55022 Class A function, please add the suffix “A” to the part number.
7. To order the converter with a heatsink please add the suffix “HS” to the part number.
BLOCK DIAGRAMS
Single Output
Dual Output
INPUT VOLTAGE TRANSIENT RATING
+Vo
-Vo
Ref.Amp
Isolation
+Vin
LC
Filter
-Vin
PWM
Filter
+Vo
Com.
-Vo
Isolation
+Vin
LC
-Vin
PWM
Ref.Amp
130
125
120
115
110
105
100
80
75
70
65
60
55
50
45
40
10µs
100µs
1ms
10ms
100ms
24VDC Input Models
48VDC Input Models


Similar Part No. - DMW24S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DMW24S15-1000 WALL-DMW24S15-1000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24S15-1000 WALL-DMW24S15-1000 Datasheet
294Kb / 6P
   Single and Dual Output
More results

Similar Description - DMW24S15-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
   9 WATTS REGULATED DC/DC CONVERTERS
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15_16 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
List of Unclassifed Man...
WR201 ETC1-WR201 Datasheet
516Kb / 2P
   DC/DC Converters 7.5 Watts WR Series
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com