Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCNSR-24S15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCNSR-24S15
Description  Non-Isolated DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCNSR-24S15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCNSR-24S15 Datasheet HTML 1Page - Wall Industries,Inc. DCNSR-24S15 Datasheet HTML 2Page - Wall Industries,Inc. DCNSR-24S15 Datasheet HTML 3Page - Wall Industries,Inc. DCNSR-24S15 Datasheet HTML 4Page - Wall Industries,Inc. DCNSR-24S15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. B
DCNSR Series
1.5 to 15 Watts
1A Output Current
Non-Isolated DC/DC Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/18/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: DCNSR Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range (See Note 1)
See Table
No Load Input Current
See Table
Maximum Input Current
Vin=Vin(min); Io=Io(max)
1
A
Input Filter
C filter
Input Reflected Ripple Current
100
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load
-2.0
+2.0
% Vo
Line Regulation
-0.2
+0.2
% Vo
1.5V (standard)
-0.6
+0.6
% Vo
Others (Standard)
-0.4
+0.4
% Vo
1.5V & 1.8V (suffix “A”)
-1.2
+1.2
% Vo
Load Regulation
Others (suffix “A”)
10% to 100% of full load
-0.4
+0.4
% Vo
Output Power
1.5 – 15 Watts
Output Current
1
A
1.5V to 6.5VDC output models
50
mVp-p
Ripple & Noise
9V to 15VDC output models
20MHz Bandwidth
75
mVp-p
Output Voltage Overshoot -Startup
full load
1
% Vo
Minimum Load
0
%
Capacitive Load (max)
Tested at minimum input voltage and constant resistive load
470
µ
F
Output Current Limit
2.0
A
Rise Time
Time for Vo to rise from 10% to 90% of Vo
3.5
ms
Start-up Time
Nominal Vin and constant resistive load
power up
5
ms
Temperature Coefficient
-0.015
+0.015
%/°C
DYNAMIC RESPONSE
Peak Deviation
50% to 100% load step change
150
mV
Recovery Time
50% to 100% load step change
250
µs
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Current Protection
yes
Over Temperature Protection
Internal IC Junction
170
°C
GENERAL SPECIFICATIONS
Efficiency
Typical value at min or max input voltage and full load
See Table
1.5V to 3.3VDC output models
300
KHz
Switching Frequency
5V to 15VDC output models
580
KHz
Isolation Voltage
none
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curves)
-40
+85
°C
Storage Temperature
-55
+125
°C
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative Humidity
Non-condensing
0
90
% RH
BELLCORE TR-NWT-000332
26,130,000 hours
MTBF (See Note 2)
MIL-HDBK-217F
6,004,000 hours
PHYSICAL SPECIFICATIONS
Case Material
Non-conductive black plastic
Base Material
none
Potting Material
Silicon (UL94-V0)
Weight
0.07oz (1.9g)
Dimensions (L x W x H)
0.46 x 0.40 x 0.30 inches (11.7 x 10.1 x 7.5 mm)
SAFETY
Safety Approvals
UL60950-1, IEC60950-1, EN60950-1


Similar Part No. - DCNSR-24S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCNSR-24S15 WALL-DCNSR-24S15 Datasheet
440Kb / 5P
   1A Output Current
More results

Similar Description - DCNSR-24S15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com