Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMPP06-24S15x Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCMPP06-24S15x
Description  6 Watt Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP06-24S15x Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCMPP06-24S15x Datasheet HTML 1Page - Wall Industries,Inc. DCMPP06-24S15x Datasheet HTML 2Page - Wall Industries,Inc. DCMPP06-24S15x Datasheet HTML 3Page - Wall Industries,Inc. DCMPP06-24S15x Datasheet HTML 4Page - Wall Industries,Inc. DCMPP06-24S15x Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wall Industries, Inc.
Rev B
DCMPP06 SERIES
6 Watt Medical DC/DC Power Converters
10/27/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
MODEL NUMBER SETUP
DCMPP
06
-
48
S
05
B
-
P (1)
T (1)
Series Name
Output Power
Input Voltage
Output Quantity
Output Voltage
Pin Connection
Remote ON/OFF Option
Trim Option
06:
6 Watts
5:
5 VDC
S:
Single Output
33:
3.3 VDC
A:
A Type
None:
No Remote ON/OFF
None:
No Trim
12:
12 VDC
05:
5 VDC
B:
B Type
P:
Remote ON/OFF
T:
Trim
24:
24 VDC
12:
12 VDC
48:
48 VDC
15:
15 VDC
24:
24 VDC
D:
Dual Output
05:
±5 VDC
12:
±12 VDC
15:
±15 VDC
(1) Remote ON/OFF Control and Trim options are only available for “B” type pin connection models.
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DCMPP06-24S15x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMPP06-24S15x WALL-DCMPP06-24S15x Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results

Similar Description - DCMPP06-24S15x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOPW06 WALL-DCMOPW06 Datasheet
153Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOPW06 WALL-DCMOPW06_18 Datasheet
303Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06 Datasheet
151Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOP06 WALL-DCMOP06_18 Datasheet
326Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com