Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMUA24S3.3-5 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMUA24S3.3-5
Description  5 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMUA24S3.3-5 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMUA24S3.3-5 Datasheet HTML 1Page - Wall Industries,Inc. DCMUA24S3.3-5 Datasheet HTML 2Page - Wall Industries,Inc. DCMUA24S3.3-5 Datasheet HTML 3Page - Wall Industries,Inc. DCMUA24S3.3-5 Datasheet HTML 4Page - Wall Industries,Inc. DCMUA24S3.3-5 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. B
DCMUA Series
Single & Dual Outputs
2:1 Wide Input Voltage Ranges
5 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
08/08/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
DERATING CURVE
120
100
80
60
40
20
0
-55
-35
-15
5
25
45
65
85
105
125
Ambient Temperature (°C)
Power Derating Curve
100
MECHANICAL DRAWING
Unit: inches (mm)
0.6 (15.2)
0.8 (20.32)
Ø0.04 (Ø1.0)
Tolerance: ±0.02 (±0.5)
2.0 (50.8)
1
2
3
4
5
PIN ASSIGNMENT
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
Bottom View


Similar Part No. - DCMUA24S3.3-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMUA24S3.3-5 WALL-DCMUA24S3.3-5 Datasheet
225Kb / 5P
   Single and Dual Outputs
More results

Similar Description - DCMUA24S3.3-5

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
logo
AIMTEC
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com