Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMPPW06-48S15x Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMPPW06-48S15x
Description  6 Watt Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPPW06-48S15x Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMPPW06-48S15x Datasheet HTML 1Page - Wall Industries,Inc. DCMPPW06-48S15x Datasheet HTML 2Page - Wall Industries,Inc. DCMPPW06-48S15x Datasheet HTML 3Page - Wall Industries,Inc. DCMPPW06-48S15x Datasheet HTML 4Page - Wall Industries,Inc. DCMPPW06-48S15x Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc.
Rev B
DCMPPW06 SERIES
6 Watt Medical DC/DC Power Converters
10/27/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
CHARACTERISTIC CURVES
DCMPPW06-48S05A Derating Curve
DCMPPW06-48S05A Efficiency vs Input Voltage
DCMPPW06-48S05A Efficiency vs Output Load
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
Natural Convection
88
55
60
65
70
75
80
18
24
30
36
42
48
54
60
66
72
75
Input Voltage (VDC)
85
90
95
10
20
30
40
50
60
70
80
90
100
% of Full Load
50
55
60
65
70
75
Vin=18V
Vin=48V
Vin=75V
80
85
90
MECHANICAL DRAWINGS
A Type Pin Connection (Suffix “A”)
0.600 (15.24)
0.80 (20.3)
1
11
12
24
23
15
13
BOTTOM VIEW
SIDE VIEW
0.40 (10.2)
0.15 (3.8)
Unit: inches (mm)
Pin size is 0.023 (0.60) Dia
1. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
11
NO PIN
COMMON
12
-OUTPUT
NO PIN
13
+OUTPUT
-OUTPUT
15
NO PIN
+OUTPUT
23
-INPUT
-INPUT
24
-INPUT
-INPUT
B Type Pin Connection (Suffix “B”)
0.600 (15.24)
0.80 (20.3)
1
2
10
11
23
22
16
14
BOTTOM VIEW
SIDE VIEW
0.40 (10.2)
0.15 (3.8)
Unit: inches (mm)
Pin size is 0.023 (0.60) Dia
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
CTRL (Optional)
CTRL (Optional)
2
-INPUT
-INPUT
10
TRIM (Optional)
TRIM (Optional)
11
**NO PIN / NC
-OUTPUT
14
+OUTPUT
+OUTPUT
16
-OUTPUT
COMMON
22
+INPUT
+INPUT
23
+INPUT
+INPUT
**: For Single Output Models Pin 11 is “NO PIN”
with the Trim pin option (Su x “–T”) and “NC”
without the trim pin option.
1. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)


Similar Part No. - DCMPPW06-48S15x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMPPW06-48S15x WALL-DCMPPW06-48S15x Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results

Similar Description - DCMPPW06-48S15x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOPW06 WALL-DCMOPW06 Datasheet
153Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOPW06 WALL-DCMOPW06_18 Datasheet
303Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOP06 WALL-DCMOP06_18 Datasheet
326Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com