Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMJU48S24-10 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCMJU48S24-10
Description  10 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMJU48S24-10 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCMJU48S24-10 Datasheet HTML 1Page - Wall Industries,Inc. DCMJU48S24-10 Datasheet HTML 2Page - Wall Industries,Inc. DCMJU48S24-10 Datasheet HTML 3Page - Wall Industries,Inc. DCMJU48S24-10 Datasheet HTML 4Page - Wall Industries,Inc. DCMJU48S24-10 Datasheet HTML 5Page - Wall Industries,Inc. DCMJU48S24-10 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wall Industries, Inc.
Rev A
DCMJU10 SERIES
10 Watt DC/DC Power Converters
11/27/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
MECHANICAL DRAWINGS
Standard Models
0.20
[5.08]
1.00 [25.4]
0.40 [10.16]
1
2
6
3
4
5
Bottom View
Unit: inches [mm]
Tolerance: X.XX±0.01 [X.X±0.25]
X.XXX±0.005 [X.XX±0.13]
Pin Diameter: Ø0.04±0.002 [Ø1.0±0.05]
0.40 [10.16]
0.30 [7.62]
0.10 [2.54]
0.24 [6.0]
0.40±0.02
[10.16±0.5]
PIN CONNECTIONS
PIN
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
Remote On/O
Remote On/O
Physical Characteristics
Case Size: 1.0 x 1.0 x 0.4 inches [25.4 x 25.4 x 10.16 mm]
Case Material: Aluminum alloy, black anodized coating
Base Material: FR4 PCB ( ammability to UL 94V-0 rated)
Weight: 0.53oz (15g)
Heatsink Option (Suffix “HS”)
Unit: inches [mm]
Physical Characteristics
Heatsink Material: Aluminum
Finish: Anodic treatment (black)
Heatsink Weight: 0.07oz (2g)
1.22 [31.0] Max.
Heatsink
Thermal Pad
Clamp
Converter
0.69 [17.46] Max.
Advantages of Adding a Heatsink
1. To help heat dissipation and increase the stability and reliability of
DC/DC converters at high operating temperature atmosphere.
2. To upgrade the operating temperature of DC/DC converters, please refer
to Derating Curves.
3. To order the module with a heatsink please add the su x “HS” to the
model number (Ex: DCMJU24S12-10HS)


Similar Part No. - DCMJU48S24-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJU48S24-10 WALL-DCMJU48S24-10 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
DCMJU48S24-10HS WALL-DCMJU48S24-10HS Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
More results

Similar Description - DCMJU48S24-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com