Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMPP10-5S12x Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMPP10-5S12x
Description  Up to 10 Watts, Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP10-5S12x Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMPP10-5S12x Datasheet HTML 1Page - Wall Industries,Inc. DCMPP10-5S12x Datasheet HTML 2Page - Wall Industries,Inc. DCMPP10-5S12x Datasheet HTML 3Page - Wall Industries,Inc. DCMPP10-5S12x Datasheet HTML 4Page - Wall Industries,Inc. DCMPP10-5S12x Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev D
DCMPP10 SERIES
Up to 10 Watts, Medical DC/DC Power Converters
10/27/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
2µA Patient Leakage Current
Single & Dual Outputs
High Efficiency up to 89%
2:1 Wide Input Voltage Ranges
Built-in EMI Class A Filter
Up to 10 Watts Output Power
5000VAC I/O 2MOPP Isolation
Reinforced Insulation for 250VAC Working Voltage
Clearance and Creepage Distance: 8.0mm/2MOPP
Short Circuit, Over Voltage, and Over Load Protection
CE Mark Meets 2006/95/EC, 2011/95/EC, and 2004/108/EC
Compliant to RoHS EU Directive 2011/65/EU
ANSI/AAMI ES60601-1, EN60601-1, & IEC60601-1 Safety Approvals
Optional Remote On/Off Control and Trim Pin
DESCRIPTION
Size:
1.25 x 0.80 x 0.40 inches
(31.8 x 20.3 x 10.2 mm)
Applications:
Medical Equipment
Telecom/Datacom
Semiconductor Equipment
Industry Control Systems
PV Power Systems
IGBT Gate Drivers
The DCMPP10 series of medical DC/DC power converters provides up to 10 Watts of output power in a 1.25” x
0.80” x 0.40” DIP package. This series consists of single and dual output models with 2:1 wide input voltage
ranges of 4.5-9VDC, 9-18VDC, 18-36VDC, and 36-75VDC. Some features include high efficiency up to 89%,
5000VAC I/O (2 MOPP) isolation, and -40°C to +105°C operating temperature range. These converters are also
protected against short circuit, over voltage, and over load conditions. All models are RoHS compliant and have
ANSI/AAMI ES60601-1, EN60601-1, and IEC60601-1 safety approvals. Remote on/off and Trim functions are also
available for this series.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number (1)
Input Voltage Range
Output Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output Power
Efficiency
Maximum
Capacitive Load
DCMPP10-5S33x
3.3 VDC
2500mA
30mVp-p
10mA
8.25W
80%
3000µF
DCMPP10-5S05x
5 VDC
2000mA
30mVp-p
10mA
10W
84%
2500µF
DCMPP10-5S12x
12 VDC
830mA
40mVp-p
20mA
10W
86.5%
430µF
DCMPP10-5S15x
15 VDC
670mA
40mVp-p
20mA
10W
87%
350µF
DCMPP10-5S24x
5 VDC
(4.5 - 9 VDC)
24 VDC
416mA
50mVp-p
20mA
10W
85.5%
125µF
DCMPP10-12S33x
3.3 VDC
2500mA
30mVp-p
10mA
8.25W
83%
3000µF
DCMPP10-12S05x
5 VDC
2000mA
30mVp-p
10mA
10W
85.5%
2500µF
DCMPP10-12S12x
12 VDC
830mA
40mVp-p
10mA
10W
88%
430µF
DCMPP10-12S15x
15 VDC
670mA
40mVp-p
10mA
10W
89%
350µF
DCMPP10-12S24x
12 VDC
(9 - 18 VDC)
24 VDC
416mA
50mVp-p
10mA
10W
89%
125µF
DCMPP10-24S33x
3.3 VDC
2500mA
30mVp-p
6mA
8.25W
83%
3000µF
DCMPP10-24S05x
5 VDC
2000mA
30mVp-p
6mA
10W
86.5%
2500µF
DCMPP10-24S12x
12 VDC
830mA
40mVp-p
6mA
10W
89%
430µF
DCMPP10-24S15x
15 VDC
670mA
40mVp-p
6mA
10W
89%
350µF
DCMPP10-24S24x
24 VDC
(18 - 36 VDC)
24 VDC
416mA
50mVp-p
6mA
10W
89%
125µF
DCMPP10-48S33x
3.3 VDC
2500mA
30mVp-p
4mA
8.25W
82.5%
3000µF
DCMPP10-48S05x
5 VDC
2000mA
30mVp-p
4mA
10W
86.5%
2500µF
DCMPP10-48S12x
12 VDC
830mA
40mVp-p
4mA
10W
89%
430µF
DCMPP10-48S15x
15 VDC
670mA
40mVp-p
4mA
10W
89%
350µF
DCMPP10-48S24x
48 VDC
(36 - 75 VDC)
24 VDC
416mA
50mVp-p
4mA
10W
88.5%
125µF
DUAL OUTPUT MODELS
Model Number (1)
Input Voltage Range
Output Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output Power
Efficiency
Maximum
Capacitive Load
DCMPP10-5D05x
±5 VDC
±1000mA
30mVp-p
25mA
10W
83%
±1440µF
DCMPP10-5D12x
±12 VDC
±416mA
40mVp-p
25mA
10W
85.5%
±250µF
DCMPP10-5D15x
5 VDC
(4.5 - 9 VDC)
±15 VDC
±333mA
40mVp-p
25mA
10W
86.5%
±180µF
DCMPP10-12D05x
±5 VDC
±1000mA
30mVp-p
10mA
10W
84%
±1440µF
DCMPP10-12D12x
±12 VDC
±416mA
40mVp-p
10mA
10W
89%
±250µF
DCMPP10-12D15x
12 VDC
(9 - 18 VDC)
±15 VDC
±333mA
40mVp-p
10mA
10W
88%
±180µF
DCMPP10-24D05x
±5 VDC
±1000mA
30mVp-p
6mA
10W
85%
±1440µF
DCMPP10-24D12x
±12 VDC
±416mA
40mVp-p
6mA
10W
89%
±250µF
DCMPP10-24D15x
24 VDC
(18 - 36 VDC)
±15 VDC
±333mA
40mVp-p
6mA
10W
88%
±180µF
DCMPP10-48D05x
±5 VDC
±1000mA
30mVp-p
4mA
10W
85%
±1440µF
DCMPP10-48D12x
±12 VDC
±416mA
40mVp-p
4mA
10W
88%
±250µF
DCMPP10-48D15x
48 VDC
(36 - 75 VDC)
±15 VDC
±333mA
40mVp-p
4mA
10W
88%
±180µF


Similar Part No. - DCMPP10-5S12x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMPP10-5S12x WALL-DCMPP10-5S12x Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
More results

Similar Description - DCMPP10-5S12x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10_18 Datasheet
336Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMOPW10 WALL-DCMOPW10_18 Datasheet
301Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMOPW10 WALL-DCMOPW10 Datasheet
152Kb / 5P
   10 Watts, Medical DC/DC Power Converters
CBW WALL-CBW Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com