Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMOP06-12S15x Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMOP06-12S15x
Description  6 Watt Medical DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMOP06-12S15x Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMOP06-12S15x Datasheet HTML 1Page - Wall Industries,Inc. DCMOP06-12S15x Datasheet HTML 2Page - Wall Industries,Inc. DCMOP06-12S15x Datasheet HTML 3Page - Wall Industries,Inc. DCMOP06-12S15x Datasheet HTML 4Page - Wall Industries,Inc. DCMOP06-12S15x Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev A
DCMOP06 SERIES
6 Watt Medical DC/DC Power Converters
06/21/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
2µA Patient Leakage Current
Single & Dual Outputs
Under Voltage Protection
High Efficiency up to 89%
2:1 Wide Input Voltage Ranges
Built-in EMI Class A Filter
Low Stand-by Power Consumption
6 Watts Output Power
Reinforced Insulation for 300VAC Working Voltage
Clearance and Creepage Distance: 6.6mm/2MOOP
3000VAC Input to Output 2MOOP Isolation
Short Circuit, Over Voltage, and Over Load Protection
CE Mark Meets 2006/95/EC, 2011/95/EC, and 2004/108/EC
Compliant to RoHS EU Directive 2011/65/EU
ANSI/AAMI ES60601-1, EN60601-1, & IEC60601-1 Safety Approvals
Optional Remote ON/OFF Control and Trim Pin
DESCRIPTION
Size:
1.25 x 0.80 x 0.40 inches
(31.8 x 20.3 x 10.2 mm)
Applications:
Medical Equipment
Telecom/Datacom
Industry Control Systems
Semiconductor Equipment
PV Power Systems
IGBT Gate Drivers
The DCMOP06 series of medical DC/DC power converters provides 6 Watts of output power in a 1.25” x 0.80” x
0.40” DIP package. This series consists of single and dual output models with 2:1 wide input voltage ranges of
4.5-9VDC, 9-18VDC, 18-36VDC, and 36-75VDC. Some features include high efficiency up to 89%, 3000VDC I/O
(2 MOOP) isolation, and low stand-by power consumption. These converters are also protected against under
voltage, short circuit, over voltage, and over load conditions. All models are RoHS compliant and have
ANSI/AAMI ES60601-1, EN60601-1, and IEC60601-1 safety approvals. Remote ON/OFF and Trim functions are
also available for this series.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number (1)
Input Voltage Range
Output Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output Power
Efficiency
Maximum
Capacitive Load
DCMOP06-5S33x
3.3 VDC
1800mA
30mVp-p
10mA
6W
82.5%
2100µF
DCMOP06-5S05x
5 VDC
1200mA
30mVp-p
10mA
6W
86%
1500µF
DCMOP06-5S12x
12 VDC
500mA
40mVp-p
15mA
6W
86%
260µF
DCMOP06-5S15x
15 VDC
400mA
40mVp-p
15mA
6W
86%
210µF
DCMOP06-5S24x
5 VDC
(4.5 - 9 VDC)
24 VDC
250mA
50mVp-p
20mA
6W
86.5%
75µF
DCMOP06-12S33x
3.3 VDC
1800mA
30mVp-p
10mA
6W
83%
2100µF
DCMOP06-12S05x
5 VDC
1200mA
30mVp-p
10mA
6W
85.5%
1500µF
DCMOP06-12S12x
12 VDC
500mA
40mVp-p
10mA
6W
88%
260µF
DCMOP06-12S15x
15 VDC
400mA
40mVp-p
10mA
6W
89%
210µF
DCMOP06-12S24x
12 VDC
(9 - 18 VDC)
24 VDC
250mA
50mVp-p
10mA
6W
89%
75µF
DCMOP06-24S33x
3.3 VDC
1800mA
30mVp-p
6mA
6W
83%
2100µF
DCMOP06-24S05x
5 VDC
1200mA
30mVp-p
6mA
6W
86.5%
1500µF
DCMOP06-24S12x
12 VDC
500mA
40mVp-p
6mA
6W
89%
260µF
DCMOP06-24S15x
15 VDC
400mA
40mVp-p
6mA
6W
89%
210µF
DCMOP06-24S24x
24 VDC
(18 - 36 VDC)
24 VDC
250mA
50mVp-p
6mA
6W
88.5%
75µF
DCMOP06-48S33x
3.3 VDC
1800mA
30mVp-p
4mA
6W
82.5%
2100µF
DCMOP06-48S05x
5 VDC
1200mA
30mVp-p
4mA
6W
86.5%
1500µF
DCMOP06-48S12x
12 VDC
500mA
40mVp-p
4mA
6W
88%
260µF
DCMOP06-48S15x
15 VDC
400mA
40mVp-p
4mA
6W
89%
210µF
DCMOP06-48S24x
48 VDC
(36 - 75 VDC)
24 VDC
250mA
50mVp-p
4mA
6W
88%
75µF
DUAL OUTPUT MODELS
Model Number (1)
Input Voltage Range
Output Voltage
Output Current
Output
Ripple & Noise
No Load
Input Current
Output Power
Efficiency
Maximum
Capacitive Load
DCMOP06-5D05x
±5 VDC
±600mA
30mVp-p
25mA
6W
84%
±860µF
DCMOP06-5D12x
±12 VDC
±250mA
40mVp-p
25mA
6W
86.5%
±150µF
DCMOP06-5D15x
5 VDC
(4.5 - 9 VDC)
±15 VDC
±200mA
40mVp-p
25mA
6W
87.5%
±110µF
DCMOP06-12D05x
±5 VDC
±600mA
30mVp-p
10mA
6W
84%
±860µF
DCMOP06-12D12x
±12 VDC
±250mA
40mVp-p
10mA
6W
89%
±150µF
DCMOP06-12D15x
12 VDC
(9 - 18 VDC)
±15 VDC
±200mA
40mVp-p
10mA
6W
88%
±110µF
DCMOP06-24D05x
±5 VDC
±600mA
30mVp-p
6mA
6W
85%
±860µF
DCMOP06-24D12x
±12 VDC
±250mA
40mVp-p
6mA
6W
88.5%
±150µF
DCMOP06-24D15x
24 VDC
(18 - 36 VDC)
±15 VDC
±200mA
40mVp-p
6mA
6W
88%
±110µF
DCMOP06-48D05x
±5 VDC
±600mA
30mVp-p
4mA
6W
85%
±860µF
DCMOP06-48D12x
±12 VDC
±250mA
40mVp-p
4mA
6W
88%
±150µF
DCMOP06-48D15x
48 VDC
(36 - 75 VDC)
±15 VDC
±200mA
40mVp-p
4mA
6W
88%
±110µF


Similar Part No. - DCMOP06-12S15x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMOP06-12S15x WALL-DCMOP06-12S15x Datasheet
326Kb / 5P
   6 Watt Medical DC/DC Power Converters
More results

Similar Description - DCMOP06-12S15x

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOPW06 WALL-DCMOPW06 Datasheet
153Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOPW06 WALL-DCMOPW06_18 Datasheet
303Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06 Datasheet
151Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOP06 WALL-DCMOP06_18 Datasheet
326Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMOP03 WALL-DCMOP03 Datasheet
159Kb / 5P
   3 Watt Medical DC - DC Power Converters
DCMPPW03 WALL-DCMPPW03_18 Datasheet
305Kb / 5P
   3 Watt Medical DC/DC Power Converters
DCMPPW03 WALL-DCMPPW03 Datasheet
152Kb / 5P
   3 Watt Medical DC - DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com