Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHAA24D15-6H Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCHAA24D15-6H
Description  5~6 Watt DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHAA24D15-6H Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCHAA24D15-6H Datasheet HTML 1Page - Wall Industries,Inc. DCHAA24D15-6H Datasheet HTML 2Page - Wall Industries,Inc. DCHAA24D15-6H Datasheet HTML 3Page - Wall Industries,Inc. DCHAA24D15-6H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc.
Rev B
DCHAA SERIES
5~6 Watt DC/DC Power Converters
01/14/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 4
MECHANICAL DRAWING
1.23 (31.15)
0.02 (0.50)
0.07 (1.88)
1.25 (31.70)
1.25 (31.70)
0.10
(2.55)
1
2
10 11 12
24 23
10 11 12
Bottom View
0.07
(1.88)
0.20
(5.08)
0.80 (20.32)
0.10 (2.54)
1.25 (31.70)
Unit: inches (mm)
NOTES:
1. Tolerance: X.XX ±0.01 (±0.25)
2. Case Material: non-conductive black plastic
3. Potting Material: Silicon rubber (UL94V-0)
4. Dimensions: 1.25 x 0.80 x 0.50 inches
5. Weight: 0.56oz (16g)
6. All dimensions are for reference only
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
+Vin
+Vin
10
No Connection
Common
11
No Connection
Common
12
-Vout
No Connection
13
+Vout
-Vout
15
No Connection
+Vout
23
-Vin
-Vin
24
-Vin
-Vin
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - DCHAA24D15-6H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHAA24D15-6H WALL-DCHAA24D15-6H Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
More results

Similar Description - DCHAA24D15-6H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC2C01 RSG-EC2C01 Datasheet
725Kb / 1P
   5 TO 6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com