Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHAA24D15-6H Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHAA24D15-6H
Description  5~6 Watt DC/DC Power Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHAA24D15-6H Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHAA24D15-6H Datasheet HTML 1Page - Wall Industries,Inc. DCHAA24D15-6H Datasheet HTML 2Page - Wall Industries,Inc. DCHAA24D15-6H Datasheet HTML 3Page - Wall Industries,Inc. DCHAA24D15-6H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev B
DCHAA SERIES
5~6 Watt DC/DC Power Converters
01/14/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
TECHNICAL SPECIFICATIONS: DCHAA SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
12VDC nominal input models
25
24VDC nominal input models
50
Input Surge Voltage (100ms max.)
48VDC nominal input models
100
VDC
Input Reflected Ripple Current
Nominal Vin and full load
76
mAp-p
Input Current
See Table
Input Filter
Pi type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Nominal Vin and full load
-1
+1
%
Output Current
See Table
Minimum Load
0
A
Line Regulation
LL to HL at full load
-0.5
+0.5
%
Single Outputs
25% load to full load
-0.5
+0.5
Balanced Load
-0.5
+0.5
Load Regulation
Dual Outputs
Unbalanced Load: 25% to 100% load
-3
+3
%
Capacitive Load
See Table
Output Power
See Table
5V Output Models
110
150
12 V Output Models
70
Ripple & Noise (20MHz BW)
Others
150
200
mVp-p
Start-Up Time
Nominal Vin and constant resistive load
510
ms
Transient Response Settling Time
50% load step change
780
μs
Transient Response Overshoot
di/dt = 0.8/μs
±5
% Vo
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of full load
120
%
5V Output Models
6.2
12V Output Models
15
Over Voltage Protection
15V Output Models
Zener diode clamp
18
VDC
GENERAL SPECIFICATIONS
Efficiency
Nominal input and full load
See Table
Switching Frequency
150
KHz
I/O Isolation Voltage (rated)
60 seconds
4000
VACrms
I/O Isolation Test Voltage
Flash tested for 1 second
6000
Vpk
Isolation Resistance
500VDC
1
Isolation Capacitance
12
pF
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Full load
-40
+85
°C
Case Temperature
+95
°C
Storage Temperature
-50
+125
°C
Relative Humidity
5
95
% RH
Cooling
Free air convection
MTBF
70,000
hours
PHYSICAL SPECIFICATIONS
Case Material
Non-conductive black plastic
Potting Material
Silicon rubber (UL94V-0)
Weight
0.56oz (16g)
Dimensions (L x W x H)
1.25 x 0.80 x 0.50 inches (31.7 x 20.3 x 12.65 mm)
EMC CHARACTERISTICS
EMI
EN55022 (radiation)
Meets class A


Similar Part No. - DCHAA24D15-6H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHAA24D15-6H WALL-DCHAA24D15-6H Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
More results

Similar Description - DCHAA24D15-6H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC2C01 RSG-EC2C01 Datasheet
725Kb / 1P
   5 TO 6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com