Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV24S12-3000 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # CV24S12-3000
Description  Non-Isolated DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CV24S12-3000 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  CV24S12-3000 Datasheet HTML 1Page - Wall Industries,Inc. CV24S12-3000 Datasheet HTML 2Page - Wall Industries,Inc. CV24S12-3000 Datasheet HTML 3Page - Wall Industries,Inc. CV24S12-3000 Datasheet HTML 4Page - Wall Industries,Inc. CV24S12-3000 Datasheet HTML 5Page - Wall Industries,Inc. CV24S12-3000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev. C
CV Series
1.8 to 45 Watts
Adjustable Output Voltage
Non-Isolated DC/DC Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/02/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 6
NEGATIVE OUTPUT APPLICATION
C1 and C2 are required and should be connected as close as possible to the converter pins
CV SERIES
Positive to Negative
Output Application
2
4
3
GND
+VIN
+
+
C1
C2
GND
-VOUT
10µF/50V
1206 X5R MLCC
10µF/25V
1206 X5R MLCC
Figure 1
TRIM APPLICATION
V (+)
ON/OFF
GND
IN
V (+)
TRIM
O
Vout
LOAD
R trim
Model Name
Rtrim_up (KΩ)
CV5S2.5-3000
1.2
Vo - 0.6
- 0.01
CV12S3.3-3000
1.18
Vo - 0.59
CV24S5-3000
11.2
Vo - 3
CV24S12-3000
8.4
Vo - 5
Figure 2
Table 1
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss
your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - CV24S12-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CV24S12-3000 WALL-CV24S12-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CV24S12-3000 WALL-CV24S12-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
More results

Similar Description - CV24S12-3000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com