Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMYFW24S15-1000 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMYFW24S15-1000
Description  15 Watt Single Output Chassis Mount DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMYFW24S15-1000 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMYFW24S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. CMYFW24S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. CMYFW24S15-1000 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Rev. B
CMYFW15 Series
15 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
FEATURES
● 15 Watts Output Power
● Output Current up to 3A
● High Efficiency up to 82%
● Fixed Switching Frequency
● Six-Sided Continuous Shielding
● 4:1 Ultra Wide Input Voltage Range
● ISO9001 Certified Manufacturing Facilities
● Call Factory for More Output Power Options
● Compliant to RoHS EU Directive 2002/95/EC
● UL60950-1, EN60950-1, and IEC60950-1 Licensed
● CE Mark Meets 2006/95/EC, 93/68/EEC, and 89/336 EEC
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMYFW15 Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input ...........................9-36VDC
48V nominal input ........................ 18-75VDC
Input Surge Voltage (100ms max) ....... 24V input ...........................50VDC
48V input .........................100VDC
Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p
Start Up Time (nominal Vin and constant resistive load) .............20ms typ.
Remote ON/OFF (Note 7)
(Positive Logic)............... DC-DC ON.............Open or 3.5V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
Input Current of Remote Control Pin (nominal Vin) ........ -0.5mA ~ +0.5mA
Remote Off Input Current (nominal Vin) ............................................20mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Voltage Adjustability........................................................................... ±10%
Output Current ..............................................................................see table
Output Power ........................................................................ 15 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (min load to full load) ............................................. ±0.5%
Minimum Load (Note 6) ................................................................see table
Ripple/Noise (20 MHz BW) .......................................................... 75mVp-p
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) .......................250us
PROTECTION SPECIFICATIONS
Over Voltage Protection....................... 5V output ...............................6.2V
(zener diode clamp)
12V output ..............................15V
15V output ..............................18V
Over Load Protection (% of full load at nominal input).............. 150% max.
Short Circuit Protection ....................................Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency. ................................................................270KHz typ.
Isolation Voltage (Input to Output)......................................... 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ................................................................ 300pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................ -40°C ~ +85°C (with derating)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ............................................................. 100°C
Relative Humidity...................................................................5% to 95% RH
Thermal Impedance (Note 8)
Natural Convection ............................................................. 10°C / Watt
Natural Convection with Heat-Sink.................................. 8.24°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (Note 1)......................................................................2.041 X 10
6 hrs
PHYSICAL SPECIFICATIONS
Potting material of the DC/DC Converter ..........................Epoxy (UL94-V0)
Shielding of the DC/DC Converter.................................................. six-sided
Weight .............................................................................Approximately 7oz
Dimensions............................................ 4.00(L) x 2.25(W) x 0.81(H) inches
SAFETY & EMC
Safety Standard Pending................... IEC60950-1, UL60950-1, EN60950-1
EM ......................................EN55022 .............................................. Class A
ESD ....................EN61000-4-2 ...... ..
............... Criteria B
Radiated Immunity..............EN61000-4-3............... 10V/m Perf. Criteria A
Fast Transient.....................EN61000-4-4................. ±2KV Perf. Criteria B
Surge ..................................EN61000-4-5................ .±1KV Perf. Criteria B
Conducted Immunity...........EN61000-4-6............ 10 Vrms Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Measurement
● Wireless Network
● Telecom/Datacom
● Industry Control System
● Semiconductor Equipment
Air
± 8KV
Contact ± 6KV


Similar Part No. - CMYFW24S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMYF(W)24S12-1600 WALL-CMYF(W)24S12-1600 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMYF(W)24S15-1330 WALL-CMYF(W)24S15-1330 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMYF(W)24S33-4000 WALL-CMYF(W)24S33-4000 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMYF(W)24S5-4000 WALL-CMYF(W)24S5-4000 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMYF(W)48S12-1600 WALL-CMYF(W)48S12-1600 Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
More results

Similar Description - CMYFW24S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSD-150 WALL-DCSD-150 Datasheet
176Kb / 3P
   150 Watt Single Output Chassis Mount DC/DC Converter
DCSD-50 WALL-DCSD-50 Datasheet
220Kb / 3P
   50 Watt Single Output Chassis Mount DC/DC Converter
DCSD-25 WALL-DCSD-25 Datasheet
238Kb / 3P
   25 Watt Single Output Chassis Mount DC/DC Converter
DCSD-100 WALL-DCSD-100 Datasheet
170Kb / 3P
   100 Watt Single Output Chassis Mount DC/DC Converter
CMJRW WALL-CMJRW Datasheet
250Kb / 3P
   10 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Rev. B
CMYF-CMYFW WALL-CMYF-CMYFW Datasheet
220Kb / 3P
   20 Watt Single Output Chassis Mount DC/DC Converter
CMFA WALL-CMFA Datasheet
157Kb / 3P
   Full Brick 250-300 Watt, Single Output Chassis Mount DC/DC Converter
AM503-303N WALL-AM503-303N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
CMRJW WALL-CMRJW_16 Datasheet
180Kb / 2P
   12 Watt Single Output 4:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB WALL-CMDB Datasheet
248Kb / 3P
   40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com