Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDMW24S5.1-3000 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # CMDMW24S5.1-3000
Description  Chassis Mount DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDMW24S5.1-3000 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  CMDMW24S5.1-3000 Datasheet HTML 1Page - Wall Industries,Inc. CMDMW24S5.1-3000 Datasheet HTML 2Page - Wall Industries,Inc. CMDMW24S5.1-3000 Datasheet HTML 3Page - Wall Industries,Inc. CMDMW24S5.1-3000 Datasheet HTML 4Page - Wall Industries,Inc. CMDMW24S5.1-3000 Datasheet HTML 5Page - Wall Industries,Inc. CMDMW24S5.1-3000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDMW Series
15 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
DESIGN & FEATURE CONSIDERATONS
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and off during a logic low. To turn the
power module on and off, the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The
switch can be an open collector or equivalent.
A logic low is -0.7V to 0.8V.
A logic high is 2.5V to 5.5V.
The maximum sink current at on/off terminal during a logic low is -1mA. The maximum allowable leakage current of the switch at on/off
terminal (2.5 to 5.5V) is 50uA.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current
limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit
operates normally once the output current is brought back into its specified range
.
Efficiency vs Input Voltage
Efficiency vs Output Load
Derating Curve without Heatsink
Derating Curve with Heatsink


Similar Part No. - CMDMW24S5.1-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMDM WALL-CMDM Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
CMDM12S12-1250 WALL-CMDM12S12-1250 Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
CMDM12S15-1000 WALL-CMDM12S15-1000 Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
CMDM12S3.3-4000 WALL-CMDM12S3.3-4000 Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
CMDM12S5-3000 WALL-CMDM12S5-3000 Datasheet
278Kb / 3P
   Chassis Mount DC/DC Converter
More results

Similar Description - CMDMW24S5.1-3000

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com