Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5551PD Datasheet(PDF) 6 Page - NEC

Part # NDL5551PD
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5551PD Datasheet(HTML) 6 Page - NEC

  NDL5551PD Datasheet HTML 1Page - NEC NDL5551PD Datasheet HTML 2Page - NEC NDL5551PD Datasheet HTML 3Page - NEC NDL5551PD Datasheet HTML 4Page - NEC NDL5551PD Datasheet HTML 5Page - NEC NDL5551PD Datasheet HTML 6Page - NEC NDL5551PD Datasheet HTML 7Page - NEC NDL5551PD Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
NDL5551P Series
InGaAs APD/PD FAMILY
Features
APD
PIN-PD
Packages
φ30 µm
(for 2.5 Gb/s)
φ50 µm
(for 2.5 Gb/s)
φ50 µm
φ80 µm
φ50 µm
(for 2.5 Gb/s)
φ80 µm
Remarks
TO-18 type Can
NDL5530
NDL5500
NDL5510
3 pins
TO-18 type Can
with Micro Lens
NDL5490L
*3,4
NDL5405L
3 pins
Small Can
φ5.6 µm
NDL5531
NDL5490
*3,4
Chip on Carrier
NDL5530C
NDL5520C
NDL5500C
NDL5510C
Receptacle Module
NDL5471RC
NDL5471RD
3 pins
RC: FC receptacle
RD: SC receptacle
Coaxial Module with
MMF
NDL5521P
NDL5521P1
NDL5521P2
NDL5551P
NDL5551P1
NDL5551P2
NDL5553P
*1
NDL5553P1
*1
NDL5553P2
*1
NDL5561P
*2
NDL5561P1
*2
NDL5561P2
*2
NDL5461P
NDL5461P1
NDL5461P2
P1, P2: With flange
Coaxial Module with
SMF
NDL5553PS
*1
NDL5553P1S
*1
NDL5553P2S
*1
NDL5481P
*5
NDL5481P1
*5
NDL5481P2
*5
14-pin DIP Module
with TEC
NDL5506P
NDL5506PS
∆T = 45 K (@ Ic = 1.1 A)
PS: With SMF
6-pin BFY Module
with MMF
NDL5522P
NDL5422P
With Pre-AMP
*1 For OTDR
*2 With GI-62.5/125
*3 Under development
*4 Internal pre-amplifier for 1Gb/s
*5 For analog application (optical CATV)
Remark
Modules are available with FC-PC connector or optional SC-PC connector.


Similar Part No. - NDL5551PD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5551PD CEL-NDL5551PD Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5551PD RENESAS-NDL5551PD Datasheet
204Kb / 10P
   PHOTO DIODE
1994
More results

Similar Description - NDL5551PD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
logo
California Eastern Labs
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com