Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16121FP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HA16121FP
Description  Switching Regulator for Chopper Type DC/DC Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16121FP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HA16121FP Datasheet HTML 4Page - Hitachi Semiconductor HA16121FP Datasheet HTML 5Page - Hitachi Semiconductor HA16121FP Datasheet HTML 6Page - Hitachi Semiconductor HA16121FP Datasheet HTML 7Page - Hitachi Semiconductor HA16121FP Datasheet HTML 8Page - Hitachi Semiconductor HA16121FP Datasheet HTML 9Page - Hitachi Semiconductor HA16121FP Datasheet HTML 10Page - Hitachi Semiconductor HA16121FP Datasheet HTML 11Page - Hitachi Semiconductor HA16121FP Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
HA16116FP/FPJ, HA16121FP/FPJ
8
The triangle wave is a voltage waveform used as a reference in creating a PWM pulse. This block operates
according to the following principles. A constant current I
O, determined by an external timing resistor RT,
is made to flow continuously to external timing capacitor C
T.
When the C
T pin voltage exceeds the
comparator threshold voltage V
H, the comparator output causes a switch to operate, discharging a current IO
from C
T.
Next, when the C
T pin voltage drops below threshold voltage VL, the comparator output again
causes the switch to operate, stopping the I
O discharge.
The triangle wave is generated by this repeated
operation.
Note that I
O = 1.1 V/RT. Since the IO current mirror circuit has a very limited current producing ability, RT
should be set to
≥ 5 kΩ (I
O ≥ 220 µA).
With this IC series, V
H and VL of the triangle wave are fixed internally at about 1.6 V and 1.0 V by the
internal resistors R
A, RB, and RC. The oscillator frequency can be calculated as follows.
1
t1 + t2 + t3
fOSC =
t1 =
CT ⋅ (VH − VL)
1.1 V/RT
CT RT ⋅ (VH − VL)
1.1 V
=
t2 =
CT ⋅ (VH − VL)
(2
− 1) × 1.1 V/R
T
CT RT ⋅ (VH − VL)
1.1 V
== t1
VH − VL = 0.6 V
1
2t1 + t3
fOSC
1
1.1 CT RT + 0.8 µs
[Hz]
t1 = t2 =
CT RT
0.6
1.1
t3 ≈ 0.8 µs (comparator delay time in the oscillator)
Accordingly,
Here,
Note that the value of f
OSC may differ slightly from the above calculation depending on the amount of delay
in the comparator circuit. Also, at high frequencies this comparator delay can cause triangle wave
overshoot or undershoot, skewing the dead band threshold. Confirm the actual value in implementation
and adjust the constants accordingly.


Similar Part No. - HA16121FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16121FP RENESAS-HA16121FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
HA16121FPJ RENESAS-HA16121FPJ Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16121FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com