Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-12-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 03-12-10
Description  Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

03-12-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  03-12-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
REVISIONS
LTR
DESCRIPTION
DATE (YR-MO-DA)
APPROVED
P
Add case outline M. Technical changes and corrections to table I. Editorial
changes throughout.
93-10-02
M. A. FRYE
R
Add class V level devices. Update boilerplate. - ro
99-06-08
R. MONNIN
T
Add case outline N. Make changes to 1.2.4, PD, theta JC, IMAX as specified in
1.3, table I, and figure 1. - ro
99-09-23
R. MONNIN
U
Add radiation hardened requirements to device types 02 and 07 for case
outline U. Add terminal assignment table for case outline N as specified in
figure 1.
Add case outline 4 for device type 07. - ro
00-10-11
R. MONNIN
V
Add case outlines 5 and 6. Make changes to 1.2.4, PD, theta JC, IMAX as
specified in 1.3, table I, and figure 1. Update boilerplate to reflect current
requirements. - rrp
03-12-10
R. MONNIN
W
Add a footnote to the case outline U, TO-257 package as specified under 1.2.4
and figure 1. - ro
05-02-07
R. MONNIN
X
For case outline “T” only, add a footnote 1/ under 1.2.4 and make change to
note 3 under figure 1. For device types 02, 04, 07, and 08 add pin outs under
case outline 2 in figure 1. -rrp
06-01-30
R. MONNIN
THE ORIGINAL FIRST SHEET OF THIS DRAWING HAS BEEN REPLACED.
REV
X
X
X
X
X
X
X
X
X
X
X
SHEET
35
36
37
38
39
40
41
42
43
44
45
REV
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
SHEET
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
REV STATUS
REV
X
X
X
X
X
X
X
X
X
X
X
X
X
X
OF SHEETS
SHEET
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PMIC N/A
PREPARED BY
WILLIAM E. SHOUP
DEFENSE SUPPLY CENTER COLUMBUS
STANDARD
MICROCIRCUIT
DRAWING
CHECKED BY
C.R. JACKSON
COLUMBUS, OHIO 43218-3990
http://www.dscc.dla.mil
THIS DRAWING IS AVAILABLE
FOR USE BY ALL
DEPARTMENTS
APPROVED BY
N. A. HAUCK
MICROCIRCUIT, LINEAR, ADJUSTABLE
VOLTAGE REGULATOR, MONOLITHIC SILICON
AND AGENCIES OF THE
DEPARTMENT OF DEFENSE
DRAWING APPROVAL DATE
77-09-15
AMSC N/A
REVISION LEVEL
X
SIZE
A
CAGE CODE
67268
77034
SHEET
1 OF
45
DSCC FORM 2233
APR 97
5962-E015-06
.


Similar Part No. - 03-12-10

ManufacturerPart #DatasheetDescription
logo
MolexKits
03-12-1016 MOLEXKITS-03-12-1016 Datasheet
38Kb / 2P
   Single Row Plug and Receptacle with Universal Crimp Tool
logo
Molex Electronics Ltd.
03-12-1016 MOLEX11-03-12-1016 Datasheet
41Kb / 1P
   3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, Single Row, 1 Circuit, Natural (Translucent)
03-12-1022 MOLEX1-03-12-1022 Datasheet
105Kb / 3P
   3.18mm (.125") Diameter, HCS-125 Pin and Socket Receptacle Housing, 2 Circuits, Single Row, With and Without Panel Mount Ears
03-12-1022 MOLEX11-03-12-1022 Datasheet
41Kb / 1P
   3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, 2 Circuits, Single Row, with and without Panel Mount Ears
03-12-1023 MOLEX1-03-12-1023 Datasheet
105Kb / 3P
   3.18mm (.125") Diameter, HCS-125 Pin and Socket Receptacle Housing, 2 Circuits, Single Row, With and Without Panel Mount Ears
More results

Similar Description - 03-12-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-87719 AD-5962-87719 Datasheet
121Kb / 11P
   Add case outline 2 Editorial changes throughout
logo
PHOENIX CONTACT
1404984 PHOENIX-1404984 Datasheet
61Kb / 1P
   TECHNICAL CHANGES RESERVED
1405221 PHOENIX-1405221 Datasheet
88Kb / 1P
   TECHNICAL CHANGES RESERVED
1404974 PHOENIX-1404974 Datasheet
105Kb / 1P
   TECHNICAL CHANGES RESERVED
logo
Laird Tech Smart Techno...
BTM420 LSTD-BTM420 Datasheet
1Mb / 21P
   Changes and Revisions
logo
NXP Semiconductors
MC68HC11P2 NXP-MC68HC11P2 Datasheet
243Kb / 2P
   This addendum provides changes to the MC68HC11P2/MC68HC711P2 Technical Data
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
logo
Texas Instruments
TM4C1237H6PGE TI1-TM4C1237H6PGE Datasheet
6Mb / 1311P
[Old version datasheet]   The revision history table notes changes made between the indicated revisions of the
OMAP5912ZZG TI-OMAP5912ZZG Datasheet
2Mb / 269P
[Old version datasheet]   This data sheet revision history highlights the technical changes made to SPRS231D to generate SPRS231E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com