Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-12-10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 03-12-10
Description  Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

03-12-10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  03-12-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 03-12-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
77034
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
X
SHEET
4
DSCC FORM 2234
APR 97
1.3 Absolute maximum ratings – Continued. 2/
Maximum output current (IMAX):
Cases X, 2, 5, and 6 ................................................................................ 0.5 A
Cases M, N, T, U, Y, Z, and 4 ................................................................. 1.5 A
1.4 Recommended operating conditions.
Output voltage range:
Device types 01, 05 ................................................................................. 1.2 to 37 V dc
Device types 02, 07 ................................................................................. 1.2 to 57 V dc
Device types 03, 06 ................................................................................. -1.2 to -37 V dc
Device types 04, 08 ................................................................................. -1.2 to -47 V dc
Ambient operating temperature range (TA) ................................................. -55°C to +125°C
Input voltage range:
Device types 01, 05 ................................................................................. 4.25 V dc to 41.25 V dc
Device types 03, 06 ................................................................................. -4.25 V dc to -41.25 V dc
Device types 02, 07 ................................................................................. 4.25 V dc to 61.25 V dc
Device types 04, 08 ................................................................................. -4.25 V dc to -51.25 V dc
1.5 Radiation features.
Maximum total dose available (dose rate = 50 – 300 rads(Si)/s): 3/
Device types 02 and 07 ........................................................................... 100 Krads(Si)
2. APPLICABLE DOCUMENTS
2.1 Government specification, standards, and handbooks. The following specification, standards, and handbooks form a part
of this drawing to the extent specified herein. Unless otherwise specified, the issues of these documents are those cited in the
solicitation or contract.
DEPARTMENT OF DEFENSE SPECIFICATION
MIL-PRF-38535 - Integrated Circuits, Manufacturing, General Specification for.
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-883
-
Test Method Standard Microcircuits.
MIL-STD-1835 -
Interface Standard Electronic Component Case Outlines.
DEPARTMENT OF DEFENSE HANDBOOKS
MIL-HDBK-103 -
List of Standard Microcircuit Drawings.
MIL-HDBK-780 -
Standard Microcircuit Drawings.
(Copies of these documents are available online at http://assist.daps.dla.mil/quicksearch/ or http://assist.daps.dla.mil or from the
Standardization Document Order Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094.)
3/
These parts may be dose rate sensitive in a space environment and may demonstrate enhanced low dose rate effects.
Radiation end point limits for the noted parameters are guaranteed only for the conditions specified in MIL-STD-883,
method 1019, condition A.


Similar Part No. - 03-12-10

ManufacturerPart #DatasheetDescription
logo
MolexKits
03-12-1016 MOLEXKITS-03-12-1016 Datasheet
38Kb / 2P
   Single Row Plug and Receptacle with Universal Crimp Tool
logo
Molex Electronics Ltd.
03-12-1016 MOLEX11-03-12-1016 Datasheet
41Kb / 1P
   3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, Single Row, 1 Circuit, Natural (Translucent)
03-12-1022 MOLEX1-03-12-1022 Datasheet
105Kb / 3P
   3.18mm (.125") Diameter, HCS-125 Pin and Socket Receptacle Housing, 2 Circuits, Single Row, With and Without Panel Mount Ears
03-12-1022 MOLEX11-03-12-1022 Datasheet
41Kb / 1P
   3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, 2 Circuits, Single Row, with and without Panel Mount Ears
03-12-1023 MOLEX1-03-12-1023 Datasheet
105Kb / 3P
   3.18mm (.125") Diameter, HCS-125 Pin and Socket Receptacle Housing, 2 Circuits, Single Row, With and Without Panel Mount Ears
More results

Similar Description - 03-12-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-87719 AD-5962-87719 Datasheet
121Kb / 11P
   Add case outline 2 Editorial changes throughout
logo
PHOENIX CONTACT
1404984 PHOENIX-1404984 Datasheet
61Kb / 1P
   TECHNICAL CHANGES RESERVED
1405221 PHOENIX-1405221 Datasheet
88Kb / 1P
   TECHNICAL CHANGES RESERVED
1404974 PHOENIX-1404974 Datasheet
105Kb / 1P
   TECHNICAL CHANGES RESERVED
logo
Laird Tech Smart Techno...
BTM420 LSTD-BTM420 Datasheet
1Mb / 21P
   Changes and Revisions
logo
NXP Semiconductors
MC68HC11P2 NXP-MC68HC11P2 Datasheet
243Kb / 2P
   This addendum provides changes to the MC68HC11P2/MC68HC711P2 Technical Data
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
logo
Texas Instruments
TM4C1237H6PGE TI1-TM4C1237H6PGE Datasheet
6Mb / 1311P
[Old version datasheet]   The revision history table notes changes made between the indicated revisions of the
OMAP5912ZZG TI-OMAP5912ZZG Datasheet
2Mb / 269P
[Old version datasheet]   This data sheet revision history highlights the technical changes made to SPRS231D to generate SPRS231E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com