Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16103 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA16103
Description  Watchdog Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16103 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA16103 Datasheet HTML 5Page - Hitachi Semiconductor HA16103 Datasheet HTML 6Page - Hitachi Semiconductor HA16103 Datasheet HTML 7Page - Hitachi Semiconductor HA16103 Datasheet HTML 8Page - Hitachi Semiconductor HA16103 Datasheet HTML 9Page - Hitachi Semiconductor HA16103 Datasheet HTML 10Page - Hitachi Semiconductor HA16103 Datasheet HTML 11Page - Hitachi Semiconductor HA16103 Datasheet HTML 12Page - Hitachi Semiconductor HA16103 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
HA16103 FPJ/FPK
9
Absolute Maximum Ratings (Ta = 25°C)
Ratings
Item
Symbol
HA16103FPJ HA16103FPK Units
V
CC supply voltage
V
CC
40
40
V
Control pin voltage
V
CONT
40
40
V
Control pin current
I
CONT
20
20
mA
V
OUT pin voltage
V
OUT
12
12
V
Power dissipation
P
T
400*
1
400*
2
mW
Operating ambient temperature range
Topr
–40 to +85
–40 to +125
°C
Storage temperature range
Tstg
–50 to +125
–50 to +150
°C
Notes: 1. Value under Ta
≤ 77°C. If Ta is greater, 8.3 mW/°C derating occurs.
2. Allowable temperature of IC junction part, Tj (max), is as shown below.
Tj (max) =
θj-a•Pc (max)+Ta
(
θj-a is thermal resistance value during mounting, and Pc (max) is the maximum value of IC
power dissipation.)
Therefore, to keep Tj (max)
≤ 125°C, wiring density and board material must be selected
according to the board thermal conductivity ratio shown below.
Be careful that the value of Pc (max) does not exceed that P
T
.
40 mm
Board
0.8 t ceramic or
1.5 t epoxy
0.5
12
5
10
20
Board thermal conductivity (W/m
°C)
SOP20
using paste
containing
compound
SOP20
without compound
240
220
200
180
160
140
120
100
80
Glass epoxy board with 10% wiring density
Glass epoxy board with 30% wiring density
Ceramic board with 96% alumina coefficient
(1)
(2)
(3)
(1)
(2)
(3)


Similar Part No. - HA16103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
HA16103FPK RENESAS-HA16103FPK Datasheet
364Kb / 19P
   Watchdog Timer
More results

Similar Description - HA16103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com