Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13605A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA13605A
Description  Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13605A Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA13605A Datasheet HTML 1Page - Hitachi Semiconductor HA13605A Datasheet HTML 2Page - Hitachi Semiconductor HA13605A Datasheet HTML 3Page - Hitachi Semiconductor HA13605A Datasheet HTML 4Page - Hitachi Semiconductor HA13605A Datasheet HTML 5Page - Hitachi Semiconductor HA13605A Datasheet HTML 6Page - Hitachi Semiconductor HA13605A Datasheet HTML 7Page - Hitachi Semiconductor HA13605A Datasheet HTML 8Page - Hitachi Semiconductor HA13605A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HA13605A
4
Block Diagram
1
7
3
2
4
6
5
11
18
21
13
9
23
19
20
22
14
16
15
17
12
10
8
+
+
+
+
VCC
C110
D1
D2
D3
U
V
W
Reference
voltage
Booster
Phase
switching
logic
Control
logic
Pre-
driver
Current
limiter
Filter
FG detector
Noise
filter
Speed
monitor
Divider D
Discriminator
2048
Charge
pump
READY
(open
collector)
Clamping
circuit
D switching
L: 1/3
M:1/12
H: 1/6
RNF
VX1
Ct
C2
R2
C1
(
≈ 5 V)
R1
TAB
OUT
C108
X’tal
R108
IN
OSC
C107
1/24 fc
23 k
20 k
23 k
VREF
PWM
OSC
R104
C106
C105
R103
R106
D4
R105
5 V
CE
DIR
LVI
OTSD
OVSD
200 k
Ω (typ.)
5.6 V
R102
C103
HW
HV
HU
C102
C101
R101
C104
C109
R107
HL
UH
UL
VH
VL
WH
WL
5 V


Similar Part No. - HA13605A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13609ANT HITACHI-HA13609ANT Datasheet
143Kb / 31P
   Three-Phase Brushless Motor Driver
More results

Similar Description - HA13605A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com