Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13154A Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA13154A
Description  15 W X 4-Channel BTL Power IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13154A Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA13154A Datasheet HTML 1Page - Hitachi Semiconductor HA13154A Datasheet HTML 2Page - Hitachi Semiconductor HA13154A Datasheet HTML 3Page - Hitachi Semiconductor HA13154A Datasheet HTML 4Page - Hitachi Semiconductor HA13154A Datasheet HTML 5Page - Hitachi Semiconductor HA13154A Datasheet HTML 6Page - Hitachi Semiconductor HA13154A Datasheet HTML 7Page - Hitachi Semiconductor HA13154A Datasheet HTML 8Page - Hitachi Semiconductor HA13154A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
HA13153A, HA13154A
2
Block Diagram
STBY
2
IN-1
1
11
IN-2
IN-3
13
23
IN-4
MUTE
10
R1
7.5 k
12
22
TAB
C3
10
µ/10 V
14
18
6
IN VCC
PVCC1
Buffer & Mute-1
Buffer & Mute-2
Buffer & Mute-3
Buffer & Mute-4
Protector
(ASO, Surge, TSD)
Amp-1
Amp-2
Amp-3
Amp-4
VCC
13.2 V
C1
4400
µ/16 V
3
4
5
7
8
9
15
16
17
19
20
21
Unit
R:
C: F
2
5 V
5 V
37.5 k
23.5 k
25 k
Q1 ON
BIAS ON
Q2 ON
MUTE ON
10
C2 should be polyester film capacitors with no secondary resonance (non-inductive),
to assure stable operation.
Notes:
Standby
Power is turned on when a signal of
3.5 V or 0.05 mA is impressed at pin 2.
When pin 2 is open or connected to
GND, standby is turned on (output off).
1.
2.
3.
C2
0.1
µ/16 V
PVCC2
Muting
Muting is turned off (output on) when
a signal of 3.5 V or 0.2 mA is impressed
at pin 10.
When pin 10 is open or connected to
GND, muting is turned on (output off).
TAB (header of IC) connected to GND.


Similar Part No. - HA13154A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13150 HITACHI-HA13150 Datasheet
86Kb / 15P
   21 W X 4-Channel BTL Power IC
HA13150 HITACHI-HA13150 Datasheet
213Kb / 8P
   21W X 4 CHANNEL BTL POWER IC
HA13150A HITACHI-HA13150A Datasheet
86Kb / 15P
   21 W X 4-Channel BTL Power IC
HA13150A HITACHI-HA13150A Datasheet
84Kb / 13P
   33 W ´ 4-Channel BTL Power IC
HA13151 HITACHI-HA13151 Datasheet
147Kb / 24P
   14 W X 4-Channel BTL Power IC
More results

Similar Description - HA13154A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13156 HITACHI-HA13156 Datasheet
84Kb / 18P
   38 W x 4-Channel BTL Power IC
HA13151 HITACHI-HA13151 Datasheet
147Kb / 24P
   14 W X 4-Channel BTL Power IC
HA13150A HITACHI-HA13150A Datasheet
86Kb / 15P
   21 W X 4-Channel BTL Power IC
HA13155 HITACHI-HA13155 Datasheet
61Kb / 13P
   33 W x 4-Channel BTL Power IC
HA13157 HITACHI-HA13157 Datasheet
84Kb / 13P
   33 W ´ 4-Channel BTL Power IC
HA13150 HITACHI-HA13150 Datasheet
213Kb / 8P
   21W X 4 CHANNEL BTL POWER IC
logo
Toshiba Semiconductor
TB2936HQ TOSHIBA-TB2936HQ Datasheet
477Kb / 20P
   49 W x 4-ch BTL Audio Power IC
logo
Hitachi Semiconductor
HA13159 HITACHI-HA13159 Datasheet
85Kb / 15P
   37 W 횞 4-Channel BTL Power IC
HA13158A HITACHI-HA13158A Datasheet
85Kb / 15P
   34 W 횞 4-Channel BTL Power IC
logo
Toshiba Semiconductor
TA8264AHQ TOSHIBA-TA8264AHQ Datasheet
262Kb / 14P
   Max Power 41 W BTL x 4 ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com