Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSBD1045CT Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSBD1045CT
Description  High Junction Temperature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSBD1045CT Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSBD1045CT Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSBD1045CT Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSBD1045CT Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSBD1045CT Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSBD1045CT Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSBD1045CT Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSBD1045CT/CTF
©Silikron Semiconductor CO., LTD.
2011.5.26
Version: 2.1
page
1of6
www.silikron.com
Main Product Characteristics:
IF
2×5A
VRRM
45V
Tj(max)
150℃
Vf(max)
0.55V
Features and Benefits:
High Junction Temperature
High ESD Protection
High Forward & Reverse Surge capability
Description:
Schottky Barrier Rectifier designed for high frequency switch model power supplies such as adaptors and DC/DC
convertors; this product special design for high forward and reverse surge capability
Absolute Rating:
Symbol
Characterizes
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
45
V
VR(RMS)
RMS Reverse Voltage
31
V
IF(AV)
Average Forward Current
Per diode
5
A
Per device
10
A
IFSM
Non Repetitive Surge Forward Current(tp=8.3ms sinusoidal)
120
A
IRRM
Peak Repetitive Reverse Surge Current(Tp=2us)
2
A
TJ
Maximum operation Junction Temperature Range
-55~150
Tstg
Storage Temperature Range
-55~150
Thermal Resistance
Symbol
Characterizes
Value
Unit
RθJC
Maximum Thermal Resistance Junction To
Case(per leg)
TO220
2
℃/W
RθJC
TO220F
4
℃/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Characterizes
Min
Typ
Max
Unit
Test Condition
VR
Reverse Breakdown Voltage
45
V
IR=0.5mA
VF
Forward Voltage Drop
0.55
V
IF=5A, TJ=25℃
0.53
IF=5A, TJ=125℃
IR
Leakage Current
0.2
mA
VR=45V, TJ=25℃
50
VR=45V, TJ=125℃
TO220F
SSBD1045CTF
TO220
SSBD1045CT
Schematic Diagram


Similar Part No. - SSBD1045CT

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSBD1045CTL SILIKRON-SSBD1045CTL Datasheet
232Kb / 5P
   High Junction Temperature
More results

Similar Description - SSBD1045CT

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
SSBD5L150A SILIKRON-SSBD5L150A Datasheet
297Kb / 5P
   High Junction Temperature
SSTS2065 SILIKRON-SSTS2065 Datasheet
320Kb / 6P
   High Junction Temperature
SSBD1045G SILIKRON-SSBD1045G Datasheet
318Kb / 5P
   High Junction Temperature
SSMD4045PT SILIKRON-SSMD4045PT Datasheet
286Kb / 5P
   High Junction Temperature
SSTS3060CT SILIKRON-SSTS3060CT Datasheet
343Kb / 6P
   High Junction Temperature
SSTS40100PT SILIKRON-SSTS40100PT Datasheet
283Kb / 5P
   High Junction Temperature
SSBR10100CT SILIKRON-SSBR10100CT Datasheet
195Kb / 2P
   High Junction Temperature
SSBR20100CT SILIKRON-SSBR20100CT Datasheet
197Kb / 3P
   High Junction Temperature
SSTS30120CT SILIKRON-SSTS30120CT Datasheet
328Kb / 6P
   High Junction Temperature
SSMD3030CT SILIKRON-SSMD3030CT Datasheet
462Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com