Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12223F Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HA12223F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12223F Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HA12223F Datasheet HTML 4Page - Hitachi Semiconductor HA12223F Datasheet HTML 5Page - Hitachi Semiconductor HA12223F Datasheet HTML 6Page - Hitachi Semiconductor HA12223F Datasheet HTML 7Page - Hitachi Semiconductor HA12223F Datasheet HTML 8Page - Hitachi Semiconductor HA12223F Datasheet HTML 9Page - Hitachi Semiconductor HA12223F Datasheet HTML 10Page - Hitachi Semiconductor HA12223F Datasheet HTML 11Page - Hitachi Semiconductor HA12223F Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
HA12216F/HA12221F Series
Rev.6, Dec. 2000, page 8 of 53
Functional Description
Power Supply Range
HA12216F/HA12221F series are provided with three line output level, which will permit on optimum
overload margin for power supply conditions. And these are designed to operate on single supply only.
Table 1
Supply Voltage Range
Product
Single Supply
HA12216F/HA12221F
6.5 V to 12.0 V
HA12217F/HA12222F
6.8 V to 12.0 V
HA12218F/HA12223F
7.2 V to 12.0 V
Note:
The lower limit of supply voltage depends on the line output reference level.
The minimum value of the overload margin is specified as 12 dB by Dolby Laboratories.
Reference Voltage
These devices provide the reference voltage of half the supply voltage that is the signal grounds. As the
peculiarity of these devices, the capacitor for the ripple filter is very small about 1/100 compared with their
usual value. The block diagram is shown as figure 1.
+
+
+
+
38
16
Note: HA12221F series does not include Dolby NR circuit.
VCC
RIP
C15
1
µ
33
+
35 36
EQ block (to Line Amp.
in case of HA12221F series)
VREF
MS block
L channel
Dolby NR circuit
: Internal reference voltage
R channel
Dolby NR circuit
Figure 1 The Block Diagram of Reference Supply Voltage


Similar Part No. - HA12223F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12223F RENESAS-HA12223F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
More results

Similar Description - HA12223F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com