Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS4W7NE1E1E Datasheet(PDF) 2 Page - OptoSupply International

Part # OS4W7NE1E1E
Description  Highest Luminous Flux
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OS4W7NE1E1E Datasheet(HTML) 2 Page - OptoSupply International

  OS4W7NE1E1E Datasheet HTML 1Page - OptoSupply International OS4W7NE1E1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X
Xe
eo
on
n P
Po
ow
we
er
r P
Pu
ur
re
e W
Wh
hiitte
e L
LE
ED
D 1
1W
W 7
70
0V
V
OS4W7NE1E1E
Ver.1
Soldering Heat Reliability (DIP):
Reflow soldering Profile
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
· Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
Solder
Average ramp-up rate = 3ºC/sec. max.
Preheat temperature: 150º~180ºC
Preheat time = 120 sec. max.
Ramp-down rate = 6ºC/sec. max.
Peak temperature = 220ºC max.
Time within 3ºC of actual
peak temperature = 25 sec. max.
Duration above 200ºC is 40 sec. max.
LED & Application Technologies


Similar Part No. - OS4W7NE1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS4W7NE1E1EVER.1 OPTOSUPPLY-OS4W7NE1E1EVER.1 Datasheet
144Kb / 2P
   Xeon Power Pure White LED 1W 70V
More results

Similar Description - OS4W7NE1E1E

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
   Highest Luminous Flux
logo
OptoSupply Internationa...
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
   Highest Luminous Flux
logo
HB Electronic Component...
E12RGB-1W HB-E12RGB-1W Datasheet
810Kb / 1P
   Highest Luminous Flux
logo
OptoSupply Internationa...
OSPR3XT5-TCXBEAC1E OPTOSUPPLY-OSPR3XT5-TCXBEAC1E Datasheet
106Kb / 1P
   3PCS Xeon 1 Power RGB LED Highest Luminous Flux
OSPR6XT3-TCXBEAC1E OPTOSUPPLY-OSPR6XT3-TCXBEAC1E Datasheet
113Kb / 1P
   6PCS Xeon Power RGB LED Module Highest Luminous Flux
logo
HB Electronic Component...
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
   Highest Flux
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
   Highest Flux
logo
OptoSupply Internationa...
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S Datasheet
116Kb / 1P
   Xeon 1 Power LED Highest Luminous Flux Super Energy Efficiency
OSR7XAEHE1E OPTOSUPPLY-OSR7XAEHE1E Datasheet
118Kb / 1P
   Xeon 0.5 Power Red Emitter Super energy efficiency Highest luminous flux
logo
HB Electronic Component...
E12NW6C HB-E12NW6C Datasheet
270Kb / 4P
   Highest Flux White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com