Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12219 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA12219
Description  Audio Signal Processor for Cassette Deck
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12219 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA12219 Datasheet HTML 1Page - Hitachi Semiconductor HA12219 Datasheet HTML 2Page - Hitachi Semiconductor HA12219 Datasheet HTML 3Page - Hitachi Semiconductor HA12219 Datasheet HTML 4Page - Hitachi Semiconductor HA12219 Datasheet HTML 5Page - Hitachi Semiconductor HA12219 Datasheet HTML 6Page - Hitachi Semiconductor HA12219 Datasheet HTML 7Page - Hitachi Semiconductor HA12219 Datasheet HTML 8Page - Hitachi Semiconductor HA12219 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
HA12219NT
Rev.2, Jul. 1998, page 2 of 29
Pin Description, Equivalent Circuit (V
CC = 12 V, Vref = 5.6 V, Ta = 25°C, No signal,
The value in the table show typical value.)
Pin No.
Pin Name
Note
Equivalent Circuit
Pin Description
1V
CC
V = V
CC
V
CC pin
2
REC-OUT(L)
V = Vref
VCC
GND
REC-EQ output
3
REC-OUT(R)
4
REC-RETURN
V = Vref
V’ = Vref
GND
VCC
I
I
V4
5 pin, 6 pin
V
,
REC return
5
PB-IN B(L)
PB B deck input
6
PB-IN B(R)
7VREF
V = Vref
V’ = V
CC / 2
VCC
GND
V
,
10 k
V
10 k
Reference
8
PB-IN A(L)
V = Vref
PB-NF
VCC
PB A deck input
9
PB-IN A(R)


Similar Part No. - HA12219

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12211 HITACHI-HA12211 Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Hitachi Semiconductor
HA12212F HITACHI-HA12212F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
HA12215 HITACHI-HA12215 Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results

Similar Description - HA12219

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12237F RENESAS-HA12237F Datasheet
316Kb / 33P
   Audio Signal Processor for Cassette Deck
HA12230NT RENESAS-HA12230NT Datasheet
325Kb / 34P
   Audio Signal Processor for Cassette Deck
logo
Hitachi Semiconductor
HA12207NT HITACHI-HA12207NT Datasheet
148Kb / 27P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12230NT HITACHI-HA12230NT Datasheet
226Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com