Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4413EQP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AK4413EQP
Description  High Performance 120dB 24-Bit 4ch DAC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AK4413EQP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AK4413EQP Datasheet HTML 7Page - List of Unclassifed Manufacturers AK4413EQP Datasheet HTML 8Page - List of Unclassifed Manufacturers AK4413EQP Datasheet HTML 9Page - List of Unclassifed Manufacturers AK4413EQP Datasheet HTML 10Page - List of Unclassifed Manufacturers AK4413EQP Datasheet HTML 11Page - List of Unclassifed Manufacturers AK4413EQP Datasheet HTML 12Page - List of Unclassifed Manufacturers AK4413EQP Datasheet HTML 13Page - List of Unclassifed Manufacturers AK4413EQP Datasheet HTML 14Page - List of Unclassifed Manufacturers AK4413EQP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
CONFIDENTIAL
[AK4413]
Rev. 0.3
2012/07
- 11 -
SHORT DELAY SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 44.1kHz)
(Ta=25
°C; VDD1/2=4.75 ∼ 5.25V, AVDD=DVDD=2.7 ∼ 3.6V; Normal Speed Mode; DEM=OFF; SLOW bit = “0”, SD
bit=“1”)
Parameter
Symbol
min
typ
max
Unit
Digital Filter
Passband
(Note 12)
±0.01dB
−6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 12)
SB
24.1
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
80
dB
Group Delay
(Note 13)
GD
-
7
-
1/fs
Digital Filter + SCF
Frequency Response : 0
∼ 20.0kHz
-
±0.2
-
dB
SHORT DELAY SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 96kHz)
(Ta=25
°C; VDD1/2=4.75 ∼ 5.25V, AVDD=DVDD=2.7 ∼ 3.6V; Double Speed Mode; DEM=OFF; SLOW bit = “0”, SD
bit=“1”)
Parameter
Symbol
min
typ
max
Unit
Digital Filter
Passband
(Note 12)
±0.01dB
−6.0dB
PB
0
-
48.0
43.5
-
kHz
kHz
Stopband
(Note 12)
SB
52.5
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
80
dB
Group Delay
(Note 13)
GD
-
7
-
1/fs
Digital Filter + SCF
Frequency Response : 0
∼ 40.0kHz
-
±0.3
-
dB
SHORT DELAY SHARP ROLL-OFF FILTER CHARACTERISTICS (fs = 192kHz)
(Ta=25
°C; VDD1/2=4.75 ∼ 5.25V, AVDD=DVDD=2.7 ∼ 3.6V; Quad Speed Mode; DEM=OFF; SLOW bit = “0”, SD
bit=“1”)
Parameter
Symbol
min
typ
max
Unit
Digital Filter
Passband
(Note 12)
±0.01dB
−6.0dB
PB
0
-
96.0
87.0
-
kHz
kHz
Stopband
(Note 12)
SB
105
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
80
dB
Group Delay
(Note 13)
GD
-
7
-
1/fs
Digital Filter + SCF
Frequency Response : 0
∼ 80.0kHz
-
−1/+0
-
dB


Similar Part No. - AK4413EQP

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4413EQ AKM-AK4413EQ Datasheet
833Kb / 48P
   High Performance 120dB 24-Bit 4ch DAC
More results

Similar Description - AK4413EQP

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4413EQ AKM-AK4413EQ Datasheet
833Kb / 48P
   High Performance 120dB 24-Bit 4ch DAC
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
   High Performance 120dB 32-Bit 4ch DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_06 Datasheet
334Kb / 27P
   High Performance 24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8716 CIRRUS-WM8716 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716 Datasheet
351Kb / 21P
   High Performance 24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com