Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFW48S5-3000 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JFW48S5-3000
Description  DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFW48S5-3000 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JFW48S5-3000 Datasheet HTML 1Page - Wall Industries,Inc. JFW48S5-3000 Datasheet HTML 2Page - Wall Industries,Inc. JFW48S5-3000 Datasheet HTML 3Page - Wall Industries,Inc. JFW48S5-3000 Datasheet HTML 4Page - Wall Industries,Inc. JFW48S5-3000 Datasheet HTML 5Page - Wall Industries,Inc. JFW48S5-3000 Datasheet HTML 6Page - Wall Industries,Inc. JFW48S5-3000 Datasheet HTML 7Page - Wall Industries,Inc. JFW48S5-3000 Datasheet HTML 8Page - Wall Industries,Inc. JFW48S5-3000 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TECHNICAL DATASHEET
JFW48S5-3000
(888) 597-WALL
www.wallindustries.com
Page 3 of 16
Figure 1: Mechanical Dimensions
PIN CONNECTION
PIN
JFW48S5-3000
1
+ INPUT
2
- INPUT
3
ON/OFF
4
+VOUT
5
TRIM
6
-VOUT
SMD TYPE
DIP TYPE
SECTION B-B
B-B
max
m in stand-off
height
compliance
max
(0.6)
SECTION A-A
A
A
0.05(1.3)typ
NOTES:
1. All dimensions in inches (mm)
2. Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.010 (x.xx±0.25)
3. Pin pitch tolerance: ±0.014 (0.35)
EXTERNAL OUTPUT TRIMMING
6
5
4
TRIM
UP
TRIM
DOWN
RT1
or
RT2
Output can be externally trimmed by using
the method shown below.
PRODUCT STANDARD TABLE
Option
Suffix
Negative Remote ON/OFF with DIP
R
Negative Remote ON/OFF with SMT
SR
Positive Remote ON/OFF with DIP
Blank
Positive remote ON/OFF with SMT
S
DIP type without ON/OFF pin
D
SMT type without ON/OFF pin
SD
DIP type without ON/OFF & TRIM pin
G
SMT type without ON/OFF & TRIM pin
SG
DIP type without TRIM pin
F
SMT type without TRIM pin
SF
Table 1
Table 2
Figure 2
DIP TYPE
SMT TYPE


Similar Part No. - JFW48S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFW48S5-3000 WALL-JFW48S5-3000 Datasheet
486Kb / 6P
   15W Open Frame DC/DC Power Converters
JFW48S5-3000 WALL-JFW48S5-3000 Datasheet
331Kb / 5P
   Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
More results

Similar Description - JFW48S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com