Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFW24S12-1300 Datasheet(PDF) 10 Page - Wall Industries,Inc.

Part # JFW24S12-1300
Description  DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFW24S12-1300 Datasheet(HTML) 10 Page - Wall Industries,Inc.

Back Button JFW24S12-1300 Datasheet HTML 6Page - Wall Industries,Inc. JFW24S12-1300 Datasheet HTML 7Page - Wall Industries,Inc. JFW24S12-1300 Datasheet HTML 8Page - Wall Industries,Inc. JFW24S12-1300 Datasheet HTML 9Page - Wall Industries,Inc. JFW24S12-1300 Datasheet HTML 10Page - Wall Industries,Inc. JFW24S12-1300 Datasheet HTML 11Page - Wall Industries,Inc. JFW24S12-1300 Datasheet HTML 12Page - Wall Industries,Inc. JFW24S12-1300 Datasheet HTML 13Page - Wall Industries,Inc. JFW24S12-1300 Datasheet HTML 14Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TECHNICAL DATASHEET
JFW24S12-1300
(888) 597-WALL
www.wallindustries.com
Page 10 of 16
EMC Considerations
Suggested schematic for EN55022 conducted emission Class A limits
Recommended Layout with Input Filter
To meet conducted emissions EN55022 CLASS A needed the following components:
JFW24Sxx-xxxx
Component
Value
Voltage
Reference
L1
2.2uH
----
2.3A 0.025Ω 0504 SMD Inductor
P/N: PMT-059
C1
2.2uF
50V
1812 MLCC
C2, C3
470pF
3KV
1808 MLCC
JFW48Sxx-xxxx
Component
Value
Voltage
Reference
L1
10uH
----
1.4A 0.1Ω 0504 SMD Inductor
P/N: PMT-047
C1
2.2uF
100V
1812 MLCC
C2, C3
470pF
3KV
1808 MLCC
Figure 11
Figure 12


Similar Part No. - JFW24S12-1300

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFW24S12-1300 WALL-JFW24S12-1300 Datasheet
486Kb / 6P
   15W Open Frame DC/DC Power Converters
JFW24S12-1300 WALL-JFW24S12-1300 Datasheet
331Kb / 5P
   Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
More results

Similar Description - JFW24S12-1300

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com