Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JF48S15-1000 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # JF48S15-1000
Description  DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JF48S15-1000 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  JF48S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. JF48S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. JF48S15-1000 Datasheet HTML 3Page - Wall Industries,Inc. JF48S15-1000 Datasheet HTML 4Page - Wall Industries,Inc. JF48S15-1000 Datasheet HTML 5Page - Wall Industries,Inc. JF48S15-1000 Datasheet HTML 6Page - Wall Industries,Inc. JF48S15-1000 Datasheet HTML 7Page - Wall Industries,Inc. JF48S15-1000 Datasheet HTML 8Page - Wall Industries,Inc. JF48S15-1000 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TECHNICAL DATASHEET
JF24S15-1000
(888) 597-WALL
www.wallindustries.com
Page 5 of 15
The Figure below details five possible circuits for driving the ON/OFF pin.
Remote ON/OFF
Two remote ON/OFF controls are available for the JF Series
Positive logic remote ON/OFF turns the modules on during a logic-high voltage on the remote ON/OFF pin, and
off during logic low. Negative logic remote ON/OFF turns the module off during logic high and on during logic
low or when the remote ON/OFF pin is shorted to the -INPUT pin.
For negative logic remote ON/OFF control add the suffix “R” for DIP type and “SR” for SMT type. For the
positive logic ON/OFF control there is no suffix for DIP type and add the suffix “S” for SMT type.
Ex: JF48S15-1000S
To turn the power module on and off, the user must supply a switch to control the voltage between the ON/OFF
terminal (VON/OFF) and the -INPUT. The switch may be an open collector or equivalent (see figure). A logic low
is VON/OFF = -0.7V to 1.2V. The maximum ION/OFF during a logic low is 1mA. The switch should maintain a
logic-low voltage while sinking 1mA.
During logic high, the maximum VON/OFF generated by the power module is 15V. The maximum allowable
leakage current of the switch at Von/off = 15V is 50uA
The module has internal capacitance to reduce noise at the ON/OFF pin. Additional capacitance is not generally
needed and may degrade the start-up characteristics of the module.
ON/OFF Control
-INPUT
Remote Enable Circuit
ON/OFF Control
-INPUT
Negative Logic
(Permanently Enabled)
-INPUT
Positive Logic
(Permanently Enabled)
ON/OFF Control
-INPUT
Open Collector Enable Circuit
ON/OFF Control
ON/OFF Control
-INPUT
Negative Logic
(Permanently Enabled)
5V
TTL/
CMOS
Figure 3


Similar Part No. - JF48S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S15-1000 WALL-JF48S15-1000 Datasheet
646Kb / 6P
   15W Open Frame DC/DC Power Converters
JF48S15-1000 WALL-JF48S15-1000 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
More results

Similar Description - JF48S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com