Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12157NT Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA12157NT
Description  Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12157NT Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA12157NT Datasheet HTML 1Page - Hitachi Semiconductor HA12157NT Datasheet HTML 2Page - Hitachi Semiconductor HA12157NT Datasheet HTML 3Page - Hitachi Semiconductor HA12157NT Datasheet HTML 4Page - Hitachi Semiconductor HA12157NT Datasheet HTML 5Page - Hitachi Semiconductor HA12157NT Datasheet HTML 6Page - Hitachi Semiconductor HA12157NT Datasheet HTML 7Page - Hitachi Semiconductor HA12157NT Datasheet HTML 8Page - Hitachi Semiconductor HA12157NT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
HA12155NT/HA12157NT
Rev.4, Jun. 1997, page 5 of 57
Electrical Characteristics (Ta = 25°C V
CC = 14 V Dolby level 300 mVrms) (cont)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Notes
Volume mute
G
VVR (MUT)
–80.0 dB
Vin = 3 Vrms, f = 1 kHz
Max-input level to volume Vin max (VR)
11.0
12.6
dBs
f = 1 kHz, THD = 1%,
V
CC = 12 V
Volume S/N
S/N (VR)
78.0
84.0
dB
Vin = 100 mVrms, f = 1
kHz, A-WTG
Volume THD
THD (VR)
0.04
0.3
%
Vin = 100 mVrms, f = 1
kHz
Equalizer gain
G
V EQ (500)
13.0
15.0
17.0
dB
Vin = 77.5 mVrms,
f = 500 Hz
G
V EQ (1K)
13.0
15.0
17.0
Vin = 77.5 mVrms,
f = 1 kHz
G
V EQ (5K)
14.5
16.5
18.5
Vin = 77.5 mVrms,
f = 5 kHz
G
V EQ (10K)
18.5
20.5
22.5
Vin = 77.5 mVrms,
f = 10 kHz
G
V EQ (20K)
29.5
32.0
34.5
Vin = 77.5 mVrms,
f = 20 kHz
Equalizer maximum input Vin max (EQ)
–8.0
–7.0
dBs
f = 1 kHz, THD = 1%,
V
CC = 12 V
*1
Equalizer S/N
S/N (EQ)
57.0
62.0
dB
Rg = 5.1 k
Ω, A-WTG
Equalizer THD
THD (EQ)
0.2
0.5
%
Vin = 77.5 mVrms,
f = 1 kHz
Equalizer offset
Vofs (EQ)
–400 0.0
+400 mV
no signal
Level meter output
LM (0 dB)
2.60
2.85
3.10
V
Vin = 0 dB, f = 1 kHz
*2
LM (12 dB)
3.60
3.90
4.20
V
Vin = 12 dB, f = 1 kHz
Level meter output
LM (–20 dB)1
0.80
1.10
1.40
V
Vin = –20 dB, f = 1 kHz
*2
LM (–20 dB)2
2.55
3.0
3.15
V
Vin = –20 dB, f = 1 kHz,
–20 dB range
Level meter offset
LMofs 1
150
300
mV
no signal
LMofs 2
200
350
no signal, –20 dB range
Notes: 1. HA12155 V
CC = 9.5 V, HA12157 VCC = 12 V
2. 0 dB = PB-OUT level


Similar Part No. - HA12157NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12133MP HITACHI-HA12133MP Datasheet
467Kb / 19P
   PRE,REC,EQUALLZER IC FOR R-DAT
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134A HITACHI-HA12134A Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134AF HITACHI-HA12134AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12135A HITACHI-HA12135A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
More results

Similar Description - HA12157NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12215F HITACHI-HA12215F Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com