Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB601M Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # BB601M
Description  Build in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB601M Datasheet(HTML) 5 Page - Hitachi Semiconductor

  BB601M Datasheet HTML 1Page - Hitachi Semiconductor BB601M Datasheet HTML 2Page - Hitachi Semiconductor BB601M Datasheet HTML 3Page - Hitachi Semiconductor BB601M Datasheet HTML 4Page - Hitachi Semiconductor BB601M Datasheet HTML 5Page - Hitachi Semiconductor BB601M Datasheet HTML 6Page - Hitachi Semiconductor BB601M Datasheet HTML 7Page - Hitachi Semiconductor BB601M Datasheet HTML 8Page - Hitachi Semiconductor BB601M Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BB601M
5
200
150
100
50
0
50
100
150
200
0
1
234
5
20
16
12
8
4
V
= 4 V
V
= V
G2S
G1
DS
R
=
22
k
G
27
kΩ
20
16
12
8
4
0
1
234
5
20
16
12
8
4
0
12
34
5
33
kΩ
39
kΩ
47
kΩ
56
kΩ
68 k
82 k
100
kΩ
2 V
V
= 1 V
G2S
V
= 5 V
R
= 33 k
DS
G
4 V
3 V
V
= 1 V
G2S
V
= 5 V
R
= 47 k
DS
G
3 V
4 V
2 V
Ambient Temperature
Ta (°C)
Maximum Channel Power
Dissipation Curve
Typical Output Characteristics
Drain to Source Voltage
V
(V)
DS
Drain Current vs. Gate1 Voltage
Gate1 Voltage
V
(V)
G1
Drain Current vs. Gate1 Voltage
Gate1 Voltage
V
(V)
G1


Similar Part No. - BB601M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BB601 ETC1-BB601 Datasheet
337Kb / 3P
   SCHOTTKY DIODES
More results

Similar Description - BB601M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB101C HITACHI-BB101C Datasheet
48Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301C HITACHI-BB301C Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB102C HITACHI-BB102C Datasheet
62Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M HITACHI-BB101M Datasheet
48Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302M HITACHI-BB302M Datasheet
61Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB505M RENESAS-BB505M Datasheet
187Kb / 9P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Hitachi Semiconductor
BB102M HITACHI-BB102M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302C HITACHI-BB302C Datasheet
58Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB304C HITACHI-BB304C Datasheet
67Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301M HITACHI-BB301M Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com