Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB503 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # BB503
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB503 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  BB503 Datasheet HTML 1Page - Hitachi Semiconductor BB503 Datasheet HTML 2Page - Hitachi Semiconductor BB503 Datasheet HTML 3Page - Hitachi Semiconductor BB503 Datasheet HTML 4Page - Hitachi Semiconductor BB503 Datasheet HTML 5Page - Hitachi Semiconductor BB503 Datasheet HTML 6Page - Hitachi Semiconductor BB503 Datasheet HTML 7Page - Hitachi Semiconductor BB503 Datasheet HTML 8Page - Hitachi Semiconductor BB503 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BB503M
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DS
6V
Gate1 to source voltage
V
G1S
+6
–0
V
Gate2 to source voltage
V
G2S
+6
–0
V
Drain current
I
D
20
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
6
——V
I
D = 200µA
V
G1S = VG2S = 0
Gate1 to source breakdown
voltage
V
(BR)G1SS
+6
——V
I
G1 = +10 µA
V
G2S = VDS = 0
Gate2 to source breakdown
voltage
V
(BR)G2SS
+6
——V
I
G2 = +10 µA
V
G1S = VDS = 0
Gate1 to source cutoff current I
G1SS
+100
nA
V
G1S = +5V
V
G2S = VDS = 0
Gate2 to source cutoff current I
G2SS
+100
nA
V
G2S = +5V
V
G1S = VDS = 0
Gate1 to source cutoff voltage V
G1S(off)
0.5
0.7
1.0
V
V
DS = 5V, VG2S = 4V
I
D = 100µA
Gate2 to source cutoff voltage V
G2S(off)
0.5
0.7
1.0
V
V
DS = 5V, VG1S = 5V
I
D = 100µA
Drain current
I
D(op)
7
1013mA
V
DS = 5V, VG1 = 5V
V
G2S = 4V, RG = 47kΩ
Forward transfer admittance
|y
fs|
19
2429mS
V
DS = 5V, VG1 = 5V
V
G2S =4V
R
G = 47kΩ, f = 1kHz
Input capacitance
c
iss
1.4
1.7
2.0
pF
V
DS = 5V, VG1 = 5V
Output capacitance
c
oss
0.7
1.1
1.5
pF
V
G2S =4V, RG = 47kΩ
Reverse transfer capacitance c
rss
0.025
0.05
pF
f = 1MHz
Power gain
PG
17
22
dB
V
DS = 5V, VG1 = 5V
V
G2S =4V, RG = 47kΩ
Noise figure
NF
1.8
2.4
dB
f = 900MHz


Similar Part No. - BB503

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB503 HITACHI-BB503 Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503C HITACHI-BB503C Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
BB503C RENESAS-BB503C Datasheet
217Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503CCS-TL-E RENESAS-BB503CCS-TL-E Datasheet
217Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503M RENESAS-BB503M Datasheet
300Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB503

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB501M HITACHI-BB501M Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
BB504M RENESAS-BB504M Datasheet
100Kb / 10P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
logo
Hitachi Semiconductor
BB504C HITACHI-BB504C Datasheet
80Kb / 11P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
BB402M HITACHI-BB402M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB405M HITACHI-BB405M Datasheet
59Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503C HITACHI-BB503C Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com