Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB502 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # BB502
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB502 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button BB502 Datasheet HTML 5Page - Hitachi Semiconductor BB502 Datasheet HTML 6Page - Hitachi Semiconductor BB502 Datasheet HTML 7Page - Hitachi Semiconductor BB502 Datasheet HTML 8Page - Hitachi Semiconductor BB502 Datasheet HTML 9Page - Hitachi Semiconductor BB502 Datasheet HTML 10Page - Hitachi Semiconductor BB502 Datasheet HTML 11Page - Hitachi Semiconductor BB502 Datasheet HTML 12Page - Hitachi Semiconductor BB502 Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BB502C
10
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 1 / div.
30°
60°
90°
120°
150°
180°
–150°
–90°
–60°
–30°
–120°
Scale: 0.002 / div.
30°
60°
90°
120°
150°
180°
–150°
–90°
–60°
–30°
–120°
10
5
4
3
2
1.5
1
.8
–2
–3
–4
–5
–10
.6
.4
.2
0
–.2
–.4
–.6
–.8
–1
–1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Test Condition:
DS
G1
V
= 5 V , V
= 5 V
V
= 4 V , R
= 180 k
,
Zo = 50
G2S
G
50 to 1000 MHz (50 MHz step)
Test Condition:
DS
G1
V
= 5 V , V
= 5 V
V
= 4 V , R
= 180 k
,
Zo = 50
G2S
G
50 to 1000 MHz (50 MHz step)
Test Condition:
DS
G1
V
= 5 V , V
= 5 V
V
= 4 V , R
= 180 k
,
Zo = 50
G2S
G
50 to 1000 MHz (50 MHz step)
Test Condition:
DS
G1
V
= 5 V , V
= 5 V
V
= 4 V , R
= 180 k
,
Zo = 50
G2S
G
50 to 1000 MHz (50 MHz step)
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency


Similar Part No. - BB502

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB502 HITACHI-BB502 Datasheet
65Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
BB502C RENESAS-BB502C Datasheet
118Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C Datasheet
145Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502CBS-TL-E RENESAS-BB502CBS-TL-E Datasheet
118Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502CBS-TL-E RENESAS-BB502CBS-TL-E Datasheet
145Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB502

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB501M HITACHI-BB501M Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503M HITACHI-BB503M Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
BB504M RENESAS-BB504M Datasheet
100Kb / 10P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
logo
Hitachi Semiconductor
BB504C HITACHI-BB504C Datasheet
80Kb / 11P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
BB402M HITACHI-BB402M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB405M HITACHI-BB405M Datasheet
59Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503C HITACHI-BB503C Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com