Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB404M Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # BB404M
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB404M Datasheet(HTML) 3 Page - Hitachi Semiconductor

  BB404M Datasheet HTML 1Page - Hitachi Semiconductor BB404M Datasheet HTML 2Page - Hitachi Semiconductor BB404M Datasheet HTML 3Page - Hitachi Semiconductor BB404M Datasheet HTML 4Page - Hitachi Semiconductor BB404M Datasheet HTML 5Page - Hitachi Semiconductor BB404M Datasheet HTML 6Page - Hitachi Semiconductor BB404M Datasheet HTML 7Page - Hitachi Semiconductor BB404M Datasheet HTML 8Page - Hitachi Semiconductor BB404M Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BB404M
3
Main Characteristics
Power Gain, Noise Figure Test Circuit
Gate 2
Source
Drain
Gate 1
R G
A
I D
VG1
VG2
VG2
Input (50
Ω)
1000p
36p
1000p
L1
V = V
D
G1
R G
BBFET
RFC
Output (50
Ω)
L2
1000p
10p max
1000p
1000p
47k
1SV70
1000p
1000p
1000p
47k
47k
180k (VD=5V)
470k (VD=9V)
V T
V T
Unit
Resistance
(
Ω)
Capacitance (F)
1SV70
L1 :
φ1mm Enameled Copper Wire,Inside dia 10mm, 2Turns
L2 :
φ1mm Enameled Copper Wire,Inside dia 10mm, 2Turns
RFC :
φ1mm Enameled Copper Wire,Inside dia 5mm, 2Turns
Test Circuit for Operating Items (I
, |yfs|, Ciss, Coss, Crss, NF, PG)
D(op)
.


Similar Part No. - BB404M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BB404A ETC1-BB404A Datasheet
337Kb / 3P
   SCHOTTKY DIODES
BB404B ETC1-BB404B Datasheet
337Kb / 3P
   SCHOTTKY DIODES
BB404C ETC1-BB404C Datasheet
337Kb / 3P
   SCHOTTKY DIODES
More results

Similar Description - BB404M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB501M HITACHI-BB501M Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503M HITACHI-BB503M Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
BB504M RENESAS-BB504M Datasheet
100Kb / 10P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
logo
Hitachi Semiconductor
BB504C HITACHI-BB504C Datasheet
80Kb / 11P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
BB402M HITACHI-BB402M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB405M HITACHI-BB405M Datasheet
59Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503C HITACHI-BB503C Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com