Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INTERNET550U Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # INTERNET550U
Description  Internet Office 550VA Ultra-compact Standby 120V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET550U Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  INTERNET550U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET550U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET550U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET550U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Space saving, ultra-compact housing fits almost anywhere
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Keyhole mounting flanges enable secure wallmount installation
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
550
Output Watt Capacity (Watts)
300
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
UPS Output Receptacles
8 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
4 UPS outlets, 4 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
10A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
10A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
5.6 minutes (150w)
DC System Voltage (VDC)
12
LEDS ALARMS & SWITCHES
LED Indicators
2 LEDs indicate power status and overload/check battery status
Audible Alarm
Audible alarm indicates power-failure and overload status
2 / 4


Similar Part No. - INTERNET550U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
   Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
   Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
More results

Similar Description - INTERNET550U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
INTERNET550SER TRIPPLITE-INTERNET550SER Datasheet
520Kb / 4P
   Internet Office 550VA Ultra-compact Standby 120V
logo
List of Unclassifed Man...
INTERNET550SER ETC2-INTERNET550SER Datasheet
524Kb / 6P
   Internet Office 550VA Ultra-compact Standby 120V UPS with Serial port
logo
Tripp Lite. All Rights ...
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
   Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
logo
List of Unclassifed Man...
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
   Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET350SER TRIPPLITE-INTERNET350SER Datasheet
489Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V
INTERNETOFFICE300 TRIPPLITE-INTERNETOFFICE300 Datasheet
506Kb / 4P
   Internet Office 300VA Ultra-compact Standby 120V
logo
List of Unclassifed Man...
INTERNETOFFICE300 ETC2-INTERNETOFFICE300 Datasheet
509Kb / 5P
   Internet Office 300VA Ultra-compact Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET900TAA TRIPPLITE-INTERNET900TAA Datasheet
524Kb / 4P
   TAA Compliant Internet Office 900VA Ultra-compact Standby 120V UPS
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
   Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com