Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R64CEE6C-845 Datasheet(PDF) 8 Page - NEC

Part # MC-4R64CEE6C-845
Description  Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4R64CEE6C-845 Datasheet(HTML) 8 Page - NEC

Back Button MC-4R64CEE6C-845 Datasheet HTML 4Page - NEC MC-4R64CEE6C-845 Datasheet HTML 5Page - NEC MC-4R64CEE6C-845 Datasheet HTML 6Page - NEC MC-4R64CEE6C-845 Datasheet HTML 7Page - NEC MC-4R64CEE6C-845 Datasheet HTML 8Page - NEC MC-4R64CEE6C-845 Datasheet HTML 9Page - NEC MC-4R64CEE6C-845 Datasheet HTML 10Page - NEC MC-4R64CEE6C-845 Datasheet HTML 11Page - NEC MC-4R64CEE6C-845 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Preliminary Data Sheet M14537EJ1V1DS00
8
MC-4R64CEE6B, 4R64CEE6C
Electrical Specification
Absolute Maximum Ratings
Symbol
Parameter
MIN.
MAX.
Unit
VI,ABS
Voltage applied to any RSL or CMOS signal pad with respect to GND
−0.3
VDD + 0.3
V
VDD,ABS
Voltage on VDD with respect to GND
−0.5
VDD + 1.0
V
TSTORE
Storage temperature
−50
+100
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Recommended Electrical Conditions
Symbol
Parameter and conditions
MIN.
MAX.
Unit
VDD
Supply voltage
2.50
− 0.13
2.50 + 0.13
V
VCMOS
CMOS I/O power supply at pad
2.5V controllers
2.5
− 0.13
2.5 + 0.25
V
1.8V controllers
1.8
− 0.1
1.8 + 0.2
VREF
Reference voltage
1.4
− 0.2
1.4 + 0.2
V
VIL
RSL input low voltage
VREF
− 0.5
VREF
− 0.2
V
VIH
RSL input high voltage
VREF + 0.2
VREF + 0.5
V
VIL,CMOS
CMOS input low voltage
−0.3
0.5VCMOS
− 0.25
V
VIH,CMOS
CMOS input high voltage
0.5VCMOS+0.25
VCMOS + 0.3
V
VOL,CMOS
CMOS output low voltage, IOL,CMOS = 1 mA
0.3
V
VOH,CMOS
CMOS output high voltage, IOH,CMOS =
−0.25 mA
VCMOS
− 0.3
V
IREF
VREF current, VREF,MAX
−40.0
+40.0
µA
ISCK,CMD
CMOS input leakage current, (0
≤ VCMOS ≤ VDD)
−40.0
+40.0
µA
ISIN,SOUT
CMOS input leakage current, (0
≤ VCMOS ≤ VDD)
−10.0
+10.0
µA


Similar Part No. - MC-4R64CEE6C-845

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64CPE6C ELPIDA-MC-4R64CPE6C Datasheet
173Kb / 16P
   Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C-653 NEC-MC-4R64CPE6C-653 Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64CPE6C-653 ELPIDA-MC-4R64CPE6C-653 Datasheet
173Kb / 16P
   Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C-745 NEC-MC-4R64CPE6C-745 Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
More results

Similar Description - MC-4R64CEE6C-845

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64FKE6D ELPIDA-MC-4R64FKE6D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64CPE6C ELPIDA-MC-4R64CPE6C Datasheet
173Kb / 16P
   Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R64FKE8D ELPIDA-MC-4R64FKE8D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com