Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R256CEE6C-653 Datasheet(PDF) 5 Page - NEC

Part # MC-4R256CEE6C-653
Description  Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4R256CEE6C-653 Datasheet(HTML) 5 Page - NEC

  MC-4R256CEE6C-653 Datasheet HTML 1Page - NEC MC-4R256CEE6C-653 Datasheet HTML 2Page - NEC MC-4R256CEE6C-653 Datasheet HTML 3Page - NEC MC-4R256CEE6C-653 Datasheet HTML 4Page - NEC MC-4R256CEE6C-653 Datasheet HTML 5Page - NEC MC-4R256CEE6C-653 Datasheet HTML 6Page - NEC MC-4R256CEE6C-653 Datasheet HTML 7Page - NEC MC-4R256CEE6C-653 Datasheet HTML 8Page - NEC MC-4R256CEE6C-653 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Data Sheet M14541EJ1V1DS00
5
MC-4R256CEE6B, 4R256CEE6C
Module Connector Pad Description
(1/2)
Signal
I/O
Type
Description
GND
Ground reference for RDRAM core and interface. 72 PCB connector pads.
LCFM
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
LCFMN
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
LCMD
I
VCMOS
Serial Command used to read from and write to the control registers. Also used
for power management.
LCOL4..LCOL0
I
RSL
Column bus. 5-bit bus containing control and address information for column
accesses.
LCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Positive polarity.
LCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Negative polarity.
LDQA8..LDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQA8 is non-functional on modules with x16 RDRAM devices.
LDQB8..LDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQB8 is non-functional on modules with x16 RDRAM devices.
LROW2..LROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.
LSCK
I
VCMOS
Serial clock input. Clock source used to read from and write to the RDRAM
control registers.
NC
These pads are not connected. These 24 connector pads are reserved for future
use.
RCFM
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
RCFMN
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
RCMD
I
VCMOS
Serial Command Input used to read from and write to the control registers. Also
used for power management.
RCOL4..RCOL0
I
RSL
Column bus. 5-bit bus containing control and address information for column
accesses.
RCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Positive polarity.
RCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Negative polarity.
RDQA8..RDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQA8 is non-functional on modules with x16 RDRAM
devices.
RDQB8..RDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQB8 is non-functional on modules with x16 RDRAM
devices.
RROW2..RROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.


Similar Part No. - MC-4R256CEE6C-653

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C-653 NEC-MC-4R256CPE6C-653 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256CPE6C-653 ELPIDA-MC-4R256CPE6C-653 Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C-745 NEC-MC-4R256CPE6C-745 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
More results

Similar Description - MC-4R256CEE6C-653

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D ELPIDA-MC-4R256FKE6D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com