Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECO650LCD Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # ECO650LCD
Description  ECO 650VA Energy-saving 120V Standby UPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

ECO650LCD Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  ECO650LCD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved ECO650LCD Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rated input current (Maximum Load)
10A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P; Right-Angled
Input Circuit Breakers
10A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
5.3 min. (160w)
DC System Voltage (VDC)
12
LEDS ALARMS & SWITCHES
Front Panel LCD Display
Front panel LCD reports Input voltage, Output voltage, Estimated runtime, Load percentage, Load wattage and
Battery charge percentage; Also supports configuration of ECO energy-saving feature, alarm silence mode, LCD
brightness, information display scrolling and UPS self-test operation
Audible Alarm
Audible alarm indicates power-failure and overload status
Alarm Cancel Operation
Alarm-cancel switch temporarily silences alarm during a power failure; Silent-alarm mode setting is available as an
LCD settable option
Switches
Set of two switches offers complete UPS control; ON / OFF / MODE switch offers UPS power off/on control and LCD
screen mode selection; MUTE / SELECT button momentarily silences alarm during a power failure and value
selection for LCD interface options
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
420
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
3.5 x 10.75 x 5.75
UPS Power Module Dimensions
(hwd, cm)
8.9 x 27.3 x 14.6
UPS Power Module Weight (lbs.)
4.8
UPS Power Module Weight (kg)
2.2
3 / 5


Similar Part No. - ECO650LCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO650LCD TRIPPLITE-ECO650LCD Datasheet
533Kb / 5P
   ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA Datasheet
535Kb / 5P
   TAA Compliant ECO 650VA Energy-saving 120V Standby UPS
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA_15 Datasheet
535Kb / 5P
   TAA-Compliant ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
ECO650LCD TRIPPLITE-ECO650LCD_15 Datasheet
533Kb / 5P
   ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, LCD Display and 8 Outlets
More results

Similar Description - ECO650LCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ECO650UPSM TRIPPLITE-ECO650UPSM Datasheet
519Kb / 4P
   Eco 650VA Energy-saving Standby 120V UPS
ECO650LCDTAA TRIPPLITE-ECO650LCDTAA Datasheet
535Kb / 5P
   TAA Compliant ECO 650VA Energy-saving 120V Standby UPS
ECO850LCD TRIPPLITE-ECO850LCD Datasheet
548Kb / 5P
   ECO 850VA Energy-saving 120V Standby UPS
logo
List of Unclassifed Man...
ECO550UPS ETC2-ECO550UPS Datasheet
532Kb / 6P
   Eco 550VA Energy-saving Standby 120V UPS with USB port
ECO750UPS ETC2-ECO750UPS Datasheet
512Kb / 6P
   Eco 750VA Energy-saving Standby 120V UPS with USB port
ECO350UPS ETC2-ECO350UPS Datasheet
521Kb / 6P
   Eco 350VA Energy-saving Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
ECO750UPS TRIPPLITE-ECO750UPS Datasheet
510Kb / 4P
   Eco 750VA Energy-saving Standby 120V UPS with USB port
ECO350UPS TRIPPLITE-ECO350UPS Datasheet
518Kb / 4P
   Eco 350VA Energy-saving Standby 120V UPS with USB port
ECO550UPS TRIPPLITE-ECO550UPS Datasheet
529Kb / 4P
   Eco 550VA Energy-saving Standby 120V UPS with USB port
ECO650UPSM TRIPPLITE-ECO650UPSM_15 Datasheet
519Kb / 4P
   ECO Series 120V 650VA 325W Energy-Saving Standby UPS with USB port, Muted Alarm and 8 Outlets
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com