Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVRX750UF Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # AVRX750UF
Description  AVR Series 750VA Ultra-compact Line-Interactive 230V UPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVRX750UF Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  AVRX750UF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVRX750UF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVRX750UF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVRX750UF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AVR Series 750VA Ultra-compact Line-Interactive
230V UPS with USB port, FRENCH BELGIAN outlets
MODEL NUMBER: AVRX750UF
Description
Tripp Lite's AVRX750UF Ultra-Compact Line Interactive UPS offers complete power protection for desktop PCs, network workstations and a wide variety of
professional and consumer electronic devices. Uninterruptible Power Supply / UPS circuits switch to battery backup mode within milliseconds to keep
connected equipment running without interruption or data loss during power failures. Automatic Voltage Regulation / AVR power conditioning maintains
smooth, continuous operation of connected equipment during brownouts and overvoltages. Surge-only outlets offer convenient protection for printers and
other desktop accessories not requiring battery support. AC and dataline surge suppression prevents connected equipment damage. USB communications port
supports built-in power management and auto-shutdown features of Windows and Mac OS X or full featured monitoring and data-saving auto-shutdown
options using Tripp Lite's free PowerAlert monitoring software.
Features
AVRX750UF ultra-compact 230V line interactive UPS offers complete AC power protection from blackouts, brownouts and transient surges
750VA / 450 watt UPS output capacity
Uninterruptible Power Supply / UPS operation maintains battery-derived AC output during blackouts to prevent data loss and system downtime for
connected equipment
Built-in USB port enables data-saving unattended shutdown when used with Tripp Lite's PowerAlert software, available via FREE download from
www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Automatic Voltage Regulation / AVR corrects extended brownouts and overvoltages from 159 to 282V, without using battery power
3 minutes runtime at 100% load (450 watts), 11.7 minutes runtime at 50% load (225 watts)
42 minutes runtime for a desktop computer system consuming 80 watts continuous
8 total FRENCH / BELGIAN outlets
4 UPS battery backup outlets, plus 4 additional surge-only outlets
FRENCH / BELGIAN input connection with 1.8m line cord
Network grade AC surge and lightning protection is available from all outlets; Built-in data line surge suppression protects a single dialup or DSL line
99% line mode efficiency rating uses less energy and BTU emissions
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment, ideal for unattended kiosk applications
Highlights
750VA ultra-compact 230V line
interactive UPS
Corrects brownouts and
overvoltages from 159V to 282V
4 UPS battery supported outlets,
4 surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 99% efficient
French / Belgian input & output
connections
Package Includes
AVRX750UF UPS System
USB Cable
Quick start guide
1 / 4


Similar Part No. - AVRX750UF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVRX750UF TRIPPLITE-AVRX750UF_15 Datasheet
530Kb / 4P
   AVR Series 230V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port, French-Belgian outlets
More results

Similar Description - AVRX750UF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVRX750UD TRIPPLITE-AVRX750UD Datasheet
531Kb / 4P
   AVR Series 750VA Ultra-compact Line-Interactive 230V UPS
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR700UXRM TRIPPLITE-AVR700UXRM Datasheet
527Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVRX550U TRIPPLITE-AVRX550U Datasheet
519Kb / 4P
   AVR Series 550VA Ultra-compact Line-Interactive 230V UPS
AVRX550UD TRIPPLITE-AVRX550UD Datasheet
529Kb / 4P
   AVR Series 550VA Ultra-compact Line-Interactive 230V UPS
logo
List of Unclassifed Man...
AVRX750U ETC2-AVRX750U Datasheet
524Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 230V UPS with USB port, C13 outlets
logo
Tripp Lite. All Rights ...
AVRX750U TRIPPLITE-AVRX750U Datasheet
523Kb / 4P
   AVR Series 750VA Ultra-compact Line-Interactive
AVR750UTAA TRIPPLITE-AVR750UTAA Datasheet
532Kb / 5P
   TAA Compliant AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVRX750U TRIPPLITE-AVRX750U_15 Datasheet
523Kb / 4P
   AVR Series 230V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port, C13 Outlets
AVRX750UF TRIPPLITE-AVRX750UF_15 Datasheet
530Kb / 4P
   AVR Series 230V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port, French-Belgian outlets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com