Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB301 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # BB301
Description  Build in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB301 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button BB301 Datasheet HTML 2Page - Hitachi Semiconductor BB301 Datasheet HTML 3Page - Hitachi Semiconductor BB301 Datasheet HTML 4Page - Hitachi Semiconductor BB301 Datasheet HTML 5Page - Hitachi Semiconductor BB301 Datasheet HTML 6Page - Hitachi Semiconductor BB301 Datasheet HTML 7Page - Hitachi Semiconductor BB301 Datasheet HTML 8Page - Hitachi Semiconductor BB301 Datasheet HTML 9Page - Hitachi Semiconductor BB301 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BB301M
7
20
16
12
8
4
0
1
234
5
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1Voltage VG1 (V)
VDS = 5 V
RG = 150 kΩ
f = 1 kHz
VG2S = 1 V
4 V
3 V
2 V
Power Gain vs. Gate Resistance
30
25
20
15
10
5
0
10
20
50
100 200
500 1000
Gate Resistance RG (kΩ)
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
f = 200 MHz
Noise Figure vs. Gate Resistance
0
Gate Resistance RG (kΩ)
4
3
2
1
10
20
50
100 200
500 1000
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
f = 200 MHz
30
25
20
15
10
5
0
Power Gain vs. Drain Current
Drain Current ID (mA)
510
15
20
25
30
VDS = 5 V
VG1 = 5 V
VG2S = 4 V
RG = variable
f = 200 MHz


Similar Part No. - BB301

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB301 HITACHI-BB301 Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301C HITACHI-BB301C Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB301C RENESAS-BB301C Datasheet
271Kb / 8P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301CAW-TL-E RENESAS-BB301CAW-TL-E Datasheet
271Kb / 8P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301M RENESAS-BB301M Datasheet
181Kb / 8P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
More results

Similar Description - BB301

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB101C HITACHI-BB101C Datasheet
48Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301C HITACHI-BB301C Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB102C HITACHI-BB102C Datasheet
62Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M HITACHI-BB101M Datasheet
48Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302M HITACHI-BB302M Datasheet
61Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB505M RENESAS-BB505M Datasheet
187Kb / 9P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Hitachi Semiconductor
BB102M HITACHI-BB102M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302C HITACHI-BB302C Datasheet
58Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB304C HITACHI-BB304C Datasheet
67Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB601M HITACHI-BB601M Datasheet
67Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com